Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NME15D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NME15D
Description  Isolated 1WSingle Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NME15D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NME15D Datasheet HTML 1Page - List of Unclassifed Manufacturers NME15D Datasheet HTML 2Page - List of Unclassifed Manufacturers NME15D Datasheet HTML 3Page - List of Unclassifed Manufacturers NME15D Datasheet HTML 4Page - List of Unclassifed Manufacturers NME15D Datasheet HTML 5Page - List of Unclassifed Manufacturers NME15D Datasheet HTML 6Page - List of Unclassifed Manufacturers NME15D Datasheet HTML 7Page - List of Unclassifed Manufacturers NME15D Datasheet HTML 8Page - List of Unclassifed Manufacturers NME15D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
absolute maximum ratings over operating free air* temperature range
Input voltage VIN NME03 types . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Input voltage VIN NME05 types . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input voltage VIN NME12 types . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Input voltage VIN NME24 types . . . . . . . . . . . . . . . . . . . . . . . . . . 28V
Input voltage VIN NME48 types . . . . . . . . . . . . . . . . . . . . . . . . . . 54V
Output power total, NME03 types . . . . . . . . . . . . . . . . . . . . . . 500mW
Output power total, NME05, 12, 24 and 48 types . . . . . . . . . . . . . . . . . . 1W
Short-circuit duration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1s
Isolation voltage (flash tested for 1 second) . . . . . . . . . . . . . . . . . 1000VDC
Operating free air temperature range . . . . . . . . . . . . . . . . . . . 0°C to 70°C1
Storage temperature range . . . . . . . . . . . . . . . . . . . . . . --55°C to 150°C
Lead temperature 1.5mm from case for 10 seconds . . . . . . . . . . . . . . . 300°C
electrical specifications
(measured at TA=25°C, at nominal input voltage)
Input voltage range NME03 types . . . . . . . . . . . . . . . . . . . . . . 3.3V 10%
Input voltage range NME05 types . . . . . . . . . . . . . . . . . . . . . . . 5V 10%
Input voltage range NME12 types . . . . . . . . . . . . . . . . . . . . . . 12V 10%
Input voltage range NME24 types . . . . . . . . . . . . . . . . . . . . . . 24V 10%
Input voltage range NME48 types . . . . . . . . . . . . . . . . . . . . . . 48V 10%
Load voltage regulation (10% to 100% full load)
3.3V and 5V output types . . . . . . . . . . . . . . . . . . . . . . . . 15% max.
9V, 12V and 15V output types . . . . . . . . . . . . . . . . . . . . . . 10% max.
Line voltage regulation (10% to 100% full load) . . . . . . . . . . . . . 1.2%/1% of VIN
Output voltage accuracy . . . . . . . . . . . . . . . . . See tolerance envelope graph
Input reflected ripple(20MHz Band limited)
NME03 types . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mV p-p max.
NME05, 12, 24 and 48 types . . . . . . . . . . . . . . . . . . . . 90mV p-p max.
Output ripple (20MHz Band limited) . . . . . . . . . . . . . . . . . 150mV p-p max.
Insulation resistance at 500VDC . . . . . . . . . . . . . . . . . . . . 1000 M min.
Efficiency at full load, 3.3V and 5V output types . . . . . . . . . . 70% typical 65% min.
Efficiency at full load, 9V, 12V and 15V output types . . . . . . . . 75% typical 70% min.
* Free air -- requires a minimum of 10mm air space around the component. 1 See derating curve.
NME SERIES
Isolated 1W Single Output
2


Similar Part No. - NME15D

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NME1515SC MURATA-PS-NME1515SC Datasheet
207Kb / 11P
   Isolated 1W Single Output DC-DC Converters
More results

Similar Description - NME15D

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
TMA-XS MICRODC-TMA-XS Datasheet
664Kb / 3P
   Fixed Input, Isolated 1WSingle&DualOutputDC/DC Converters
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
   Isolated output
VI-B2L-IW VICOR-VI-B2L-IW Datasheet
712Kb / 6P
   Isolated output
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
   Isolated Current Output
REV. 0
5B39 AD-5B39 Datasheet
689Kb / 8P
   Isolated Current Output
REV. 0
logo
List of Unclassifed Man...
VBED15-D12-S12-1A ETC2-VBED15-D12-S12-1A Datasheet
460Kb / 3P
   쨌15W Isolated Output
ZUW31212 ETC2-ZUW31212 Datasheet
145Kb / 3P
   Isolated between input-output
logo
Analog Devices
7B39 AD-7B39_15 Datasheet
532Kb / 8P
   Isolated, Process Current Output
REV. 0
logo
Texas Instruments
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
[Old version datasheet]   5A Non-Isolated Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com