Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTO50 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LTO50
Description  Power Resistor Thick Film Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO50 Datasheet(HTML) 3 Page - Vishay Siliconix

  LTO50 Datasheet HTML 1Page - Vishay Siliconix LTO50 Datasheet HTML 2Page - Vishay Siliconix LTO50 Datasheet HTML 3Page - Vishay Siliconix LTO50 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For technical questions, contact sfer@vishay.com
Document Number: 50050
Revision 26-Mar-07
www.vishay.com
16
LTO 50
Vishay Sfernice
orderinG information
Power Resistor Thick Film Technology
overloads
In any case the applied voltage must be lower than the maximum overload voltage of 375V.
The values indicated on the graph below are applicable to resistors in air or mounted onto a heatsink.
power ratinG chart
The temperature of the heatsink should be maintained within the limits specified.
To improve the thermal conductivity, surfaces in contact should be coated with a silicone grease and the torque applied on the
screw for tightening should be around 1 Nm.
10 -6
10 -5
10-4
10 -3
10 -2
OVERLOAD DURATION IN SECONDS
enerGY curve
0
20
40
60
80
100
120
140 150
100
75
50
25
0
HEATSINk TEMPERATURE IN DEGREES CELSIUS
0.01
0.1
1
10
marKinG
Model, Style, Resistance Value (in Ω), Tolerance (in %), Manufacturing Date, VISHAY trademark
MODEL
STYLE
CONNECTIONS
RESISTANCE
VALUE
TOL
PACK
L
O
T
0
5
F
0
1
0
0
0
2
F
T
LEAD (Pb)-FREE
E
3
SAP Part Number LTO050F10002FTE3
sap part numberinG Guidelines
LTO
50
F
100 kΩ
± 1 %
xxx
TU50
e3
MODEL
STYLE CONNECTIONS RESISTANCE VALUE
TOLERANCE
CUSTOM DESIGN
PACKAGING
LEAD (Pb)-FREE
± 1 %
Optional
± 2 %
on request:
± 5 %
special TCR,
± 10 %
shape etc.
pacKaGinG
Tube of 50 units


Similar Part No. - LTO50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LTO50 VISHAY-LTO50_15 Datasheet
86Kb / 5P
   Power Resistor Thick Film Technology
Revision: 01-Aug-13
More results

Similar Description - LTO50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
   Power Resistor Thick Film Technology
Revision: 16-Oct-08
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
   Power Resistor, Thick Film Technology
Revision 14-Jan-05
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
   Power Resistor Thick Film Technology
Revision: 09-Dec-15
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
   Power Resistor Thick Film Technology
Revision: 08-Dec-14
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision: 26-Mar-07
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
   Power Resistor Thick Film Technology
Revision: 22-Jan-14
LTO50 VISHAY-LTO50_15 Datasheet
86Kb / 5P
   Power Resistor Thick Film Technology
Revision: 01-Aug-13
LTO030F47R00JTE3 VISHAY-LTO030F47R00JTE3 Datasheet
94Kb / 5P
   30 W Power Resistor Thick Film Technology
Revision: 01-Aug-13
LTO-150 VISHAY-LTO-150 Datasheet
99Kb / 4P
   Clip Mount Power Resistor Thick Film Technology
Revision: 15-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com