Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4892E Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4892E
Description  1000 Base-T, ±15kV ESD Protection LAN Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4892E Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4892E Datasheet HTML 4Page - Maxim Integrated Products MAX4892E Datasheet HTML 5Page - Maxim Integrated Products MAX4892E Datasheet HTML 6Page - Maxim Integrated Products MAX4892E Datasheet HTML 7Page - Maxim Integrated Products MAX4892E Datasheet HTML 8Page - Maxim Integrated Products MAX4892E Datasheet HTML 9Page - Maxim Integrated Products MAX4892E Datasheet HTML 10Page - Maxim Integrated Products MAX4892E Datasheet HTML 11Page - Maxim Integrated Products MAX4892E Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1000 Base-T, ±15kV ESD Protection LAN Switches
8
_______________________________________________________________________________________
VIH
VIL
50%
_B1
tOFF
0V
tON
0V
_B2
tON
50%
50%
50%
50%
tOFF
50%
SEL
Figure 2. Turn-On and Turn-Off Times
2.0V
3.0V
1.0V
THE MAX4890E/MAX4892E SWITCHES ARE FULLY BIDIRECTIONAL.
tPHL
VH
VL
2.0V
tPLH
A_
_B_
PULSE SKEW = tSK(p) = |tPHL - tPLH|
Figure 3. Propagation Delay Times
2.0V
3.0V
1.0V
THE MAX4890E/MAX4892E SWITCHES ARE FULLY BIDIRECTIONAL.
tPHLX
VOH
VOL
2.0V
tPLHX
A_
_B_
OUTPUT SKEW = tSK(O) = |tPLHY - tPLHX| OR |tPHLY - tPHLX|
tPHLY
VOH
VOL
2.0V
tPLHY
_B_
Figure 4. Output Skew
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1500
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5. Human Body ESD Test Model (MIL-STD-883, Method 3015)


Similar Part No. - MAX4892E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4892ETX MAXIM-MAX4892ETX Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
MAX4892ETX MAXIM-MAX4892ETX Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
More results

Similar Description - MAX4892E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4927 MAXIM-MAX4927 Datasheet
189Kb / 13P
   1000 Base-T, 짹15kV ESD Protection LAN Switch
Rev 0; 6/07
logo
Filtran LTD
6687 FILTRAN-6687 Datasheet
120Kb / 1P
   LAN 1000 Base-T Magnetic Modules
logo
Wurth Elektronik GmbH &...
74991114410 WURTH-74991114410 Datasheet
432Kb / 6P
   WE-RJ45 LAN Transformer 1000 Base-T
001.000
logo
Bothhand USA, LP.
NS0068LF BOTHHAND-NS0068LF Datasheet
274Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068C BOTHHAND-NS0068C Datasheet
263Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068D BOTHHAND-NS0068D Datasheet
267Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068 BOTHHAND-NS0068 Datasheet
276Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NA0069RMLF BOTHHAND-NA0069RMLF Datasheet
242Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA69LF BOTHHAND-NA69LF Datasheet
236Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
logo
Filtran LTD
7439 FILTRAN-7439 Datasheet
170Kb / 2P
   LAN 1000 Base T Dual Port Magnetic Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com