Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NME12D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NME12D
Description  Isolated 1WSingle Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NME12D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NME12D Datasheet HTML 1Page - List of Unclassifed Manufacturers NME12D Datasheet HTML 2Page - List of Unclassifed Manufacturers NME12D Datasheet HTML 3Page - List of Unclassifed Manufacturers NME12D Datasheet HTML 4Page - List of Unclassifed Manufacturers NME12D Datasheet HTML 5Page - List of Unclassifed Manufacturers NME12D Datasheet HTML 6Page - List of Unclassifed Manufacturers NME12D Datasheet HTML 7Page - List of Unclassifed Manufacturers NME12D Datasheet HTML 8Page - List of Unclassifed Manufacturers NME12D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
typical isolation capacitance (pF)
Part Number
Output Voltage (V)
3.3
05
09
12
15
NME03XXX
-
21
23
25
25
NME05XXX
21
24
32
26
32
NME12XXX
-
33
51
59
61
NME24XXX
-
40
59
78
79
NME48XXX
-
32
50
76
75
Note : All data taken at TA=25°C.
typical characteristics
Note : All data taken at TA=25°C.
NME SERIES
Isolated 1W Single Output
NME03 series
DC-DC Converters
5


Similar Part No. - NME12D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NME1205 ETC-NME1205 Datasheet
47Kb / 2P
   DC/DC Converters NME SERIES 1 WATT
logo
C&D Technologies
NME1205D CANDD-NME1205D Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NME1205DC MURATA-NME1205DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NME1205DC MURATA-PS-NME1205DC Datasheet
207Kb / 11P
   Isolated 1W Single Output DC-DC Converters
NME1205DC MURATA-PS-NME1205DC Datasheet
1Mb / 13P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - NME12D

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
TMA-XS MICRODC-TMA-XS Datasheet
664Kb / 3P
   Fixed Input, Isolated 1WSingle&DualOutputDC/DC Converters
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
   Isolated output
VI-B2L-IW VICOR-VI-B2L-IW Datasheet
712Kb / 6P
   Isolated output
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
   Isolated Current Output
REV. 0
5B39 AD-5B39 Datasheet
689Kb / 8P
   Isolated Current Output
REV. 0
logo
List of Unclassifed Man...
VBED15-D12-S12-1A ETC2-VBED15-D12-S12-1A Datasheet
460Kb / 3P
   쨌15W Isolated Output
ZUW31212 ETC2-ZUW31212 Datasheet
145Kb / 3P
   Isolated between input-output
logo
Analog Devices
7B39 AD-7B39_15 Datasheet
532Kb / 8P
   Isolated, Process Current Output
REV. 0
logo
Texas Instruments
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
[Old version datasheet]   5A Non-Isolated Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com