Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE427FB6270JR06 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PHE427FB6270JR06
Description  Double metallized film pulse capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE427FB6270JR06 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PHE427FB6270JR06 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE427FB6270JR06 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE427FB6270JR06 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE427FB6270JR06 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE427FB6270JR06 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE427FB6270JR06 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE427FB6270JR06 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
223
PHE427
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
400 VDC/220 VAC
630 VDC/300 VAC
Not
for
new
design
LEAD SPACING 37.5 MM
1.0
13.0
24.0
41.0
37.5
140
16.6
300
27
PHE427KR7100JR06L2
1.2
15.0
26.0
41.0
37.5
119
20.8
300
25
PHE427KR7120JR06L2
1.5
16.5
32.0
41.0
37.5
105
28.1
300
22
PHE427KR7150JR06L2
1.8
16.5
32.0
41.0
37.5
105
28.1
300
21
PHE427KR7180JR06L2
2.2
19.0
36.0
41.0
37.5
91
36.5
300
19
PHE427KR7220JR06L2
LEAD SPACING 7.5 MM
0.00068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK3680JR05
0.00082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK3820JR05
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE427MK4560JR05
0.0068
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1400
160
PHE427MK4680JR05
0.0082
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1400
160
PHE427MK4820JR05
0.010
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1400
160
PHE427MK5100JR05
0.012
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
1400
160
PHE427MK5120JR05
0.015
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
1400
160
PHE427MK5150JR05
LEAD SPACING 10 MM
0.0015
4.0
9.0
13.0
10.0
1000
900
0.6
800
142
PHE427MA4150JR05
0.0018
4.0
9.0
13.0
10.0
1000
900
0.6
800
142
PHE427MA4180JR05
0.0022
4.0
9.0
13.0
10.0
1000
900
0.6
800
139
PHE427MA4220JR05
0.0027
4.0
9.0
13.0
10.0
1000
900
0.6
800
139
PHE427MA4270JR05
0.0033
4.0
9.0
13.0
10.0
1000
900
0.6
800
121
PHE427MA4330JR05
0.0039
4.0
9.0
13.0
10.0
1000
900
0.6
800
116
PHE427MA4390JR05
0.0047
4.0
9.0
13.0
10.0
1000
900
0.6
800
100
PHE427MA4470JR05
0.0056
4.0
9.0
13.0
10.0
1000
900
0.6
800
100
PHE427MA4560JR05
0.0068
4.0
9.0
13.0
10.0
1000
900
0.6
800
98
PHE427MA4680JR05
0.0082
4.5
10.5
13.0
10.0
1000
800
0.9
800
86
PHE427MA4820JR05
0.010
4.5
10.5
13.0
10.0
1000
800
0.9
800
142
PHE427MA5100JR05
0.012
5.0
11.0
13.0
10.0
800
700
1.0
800
142
PHE427MA5120JR05
0.015
5.0
11.0
13.0
10.0
800
700
1.0
800
142
PHE427MA5150JR05
LEAD SPACING 15 MM
0.010
5.5
10.5
18.0
15.0
1000
600
1.5
1000
99
PHE427MB5100JR06
0.012
5.5
10.5
18.0
15.0
1000
600
1.5
1000
99
PHE427MB5120JR06
0.015
5.5
10.5
18.0
15.0
1000
600
1.5
1000
98
PHE427MB5150JR06
0.018
5.5
10.5
18.0
15.0
1000
600
1.5
1000
98
PHE427MB5180JR06
0.022
5.5
10.5
18.0
15.0
1000
600
1.5
1000
98
PHE427MB5220JR06
0.027
5.5
12.5
18.0
15.0
1000
600
1.7
1000
85
PHE427MB5270JR06
0.033
5.5
12.5
18.0
15.0
1000
600
1.7
1000
84
PHE427MB5330JR06
0.039
7.5
14.5
18.0
15.0
800
400
2.7
1000
74
PHE427MB5390JR06
0.047
7.5
14.5
18.0
15.0
800
400
2.7
1000
74
PHE427MB5470JR06
0.056
7.5
14.5
18.0
15.0
800
400
2.7
1000
73
PHE427MB5560JR06
0.068
8.5
16.0
18.0
15.0
600
400
3.4
1000
67
PHE427MB5680JR06


Similar Part No. - PHE427FB6270JR06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4100JR05 ETC2-PHE426DJ4100JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426DJ4100JR05 KEMET-PHE426DJ4100JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4120JR05 ETC2-PHE426DJ4120JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE427FB6270JR06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE450 ETC2-PHE450 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com