Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2EL-X2F1-DM3SL Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2EL-X2F1-DM3SL
Description  Cylindrical Proximity Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X2F1-DM3SL Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2EL-X2F1-DM3SL Datasheet HTML 1Page - Omron Electronics LLC E2EL-X2F1-DM3SL Datasheet HTML 2Page - Omron Electronics LLC E2EL-X2F1-DM3SL Datasheet HTML 3Page - Omron Electronics LLC E2EL-X2F1-DM3SL Datasheet HTML 4Page - Omron Electronics LLC E2EL-X2F1-DM3SL Datasheet HTML 5Page - Omron Electronics LLC E2EL-X2F1-DM3SL Datasheet HTML 6Page - Omron Electronics LLC E2EL-X2F1-DM3SL Datasheet HTML 7Page - Omron Electronics LLC E2EL-X2F1-DM3SL Datasheet HTML 8Page - Omron Electronics LLC E2EL-X2F1-DM3SL Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
E2EL
E2EL
4
Specifications
J BRASS TYPE
Type
Æ6.5
M8
M12
M18
M30
Operating voltage
10 to 35 VDC
Rated supply voltage
24 VDC
Current consumption
max. 15 mA at 24 VDC
Sensing object
Ferrous metals
Mounting ((s)hielded,
(n)on--shielded) (see note)
s
n
s
n
s
s
n
s
s
n
s
n
Operating distance in mm
1.5
2.0
1.5
2.0
2.0
4.0
4.0
5.0
8.0
8.0
10.0
15.0
Tolerance of operating distance
±10%
Standard target size in mm
(L x W x H in mm, FE 37)
6.5x6.5x1
8x8x1
12x12x1
18x18x1 24x24x1
30x30x1 45x45x1
Differential travel
1 % ... 15 % of operating distance
Max. response frequency in kHz
5.0
5.0
2.0
0.6
1.0
0.5
0.3
0.5
0.25
0.15
Control output
Type
E2EL--... E1 type: NPN--NO
E2 type: NPN--NC
F1 type: PNP--NO
F2 type: PNP--NC
Max--Load
200 mA
Max--on--state
Voltage drop
2.5 VDC (at 200mA load current and with 2 m cable)
Circuit protection
Reverse polarity, output short--circuit
Indicator
Operating indicator (yellow LED)
Ambient temperature
Operating: --25° to 70°C
Humidity
35 to 95 % RH
Influence of temperature
± 10 % max. of Sn at 23°C in temperature range of --25° to 70°C
Dielectric strength
1,500 VAC, 50/60 Hz for 1 min. between current carry parts and case
Electromagnetic compatibility EMC
EN 60947--5--2
Vibration resistance
10 to 70 Hz, 1.5 mm double amplitude for 1 hour each in X, Y and Z directions
Shock resistance
300 m/s@ (approx. 30 G) for 6 times each in X, Y and Z directions
Enclosure rating
IP 67 (EN 60947--1)
Connection
Pre--wired
2 m PVC--cable, 3 x 0.14
mm@
2 m PVC--cable, 3 x 0.25 mm2
2m PVC--cable, 3 x
0.5 mm2
Connector
M8 plug
M8 plug
M12 plug
M12 plug
Weight in g
Pre--wired
long
45
50
75
115
260
short
43
48
70
100
200
Connector
long
10
15
25
60
155
short
8
13
20
50
110
Material
Case
Brass
Sensing face
PBTP
Note:
For detailed mounting instruction please refer to Installation section.


Similar Part No. - E2EL-X2F1-DM3SL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X2F1-DM3SL OMRON-E2EL-X2F1-DM3SL Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X2F1-DM3SL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com