1 / 2 page
SPS1R5
Small size Isolated DC/DC Converters
SPECIAL FEATURES
・High efficiency
・Wide operating temperature range (-40℃~+85℃)
・Small size & Light weight
・Wide 2:1 input range
・Built - in over current protection circuit
・Input - Output Isolated
・Trimmable output voltage (single output)
・Open case type
・Long Life Design (employ only ceramic capacitor)
・5years warranty
9
www.powerplaza.com
ELECTRICAL SPECIFICATIONS
ENVIRONMENTAL
Total power
Input voltages
#of outputs
1.5 Watts
5V, 12V, 24V, 48V
Single, Dual output
・Input range
DC 4.5V - 9V, 9V - 18V, 18V - 36V, 36V - 76V
・Efficiency
73% - 81%
・Remote on/off
on : short to - Vin
off : open
・Voltage tolerance
±2%(Single)
±3%(Daul)
・Line Reg
±0.5%
・Load Reg
±1%
・Ripple & Noise
1% of Vout (Bandwidth : 20MHz)
・Short circuit protection
Current Limited Output
・Isolation
input - output, input - case, output - case / DC500V,100Mohms
・High pot
input - output, input - case, output - case / AC500V, 1Min
ELECTRICALLY
ISOLATED
INPUT
OUTPUT
PROTECTION
CIRCUIT
・Operating temperature range
-40℃~85℃
・Storage temperature range
-40℃~105℃
・Operating humidity (non consensing)
5% ~ 95%
・Storage humidity (non consensing)
5% ~ 95%
・Cooling method
convection, forced air
・MTBF (MIL-HDBK-217F)
9×10 hrs
・Safety
UL(pending)
CE(pending)
5