Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2EL-X1R5F2-M1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2EL-X1R5F2-M1
Description  Cylindrical Proximity Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X1R5F2-M1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2EL-X1R5F2-M1 Datasheet HTML 1Page - Omron Electronics LLC E2EL-X1R5F2-M1 Datasheet HTML 2Page - Omron Electronics LLC E2EL-X1R5F2-M1 Datasheet HTML 3Page - Omron Electronics LLC E2EL-X1R5F2-M1 Datasheet HTML 4Page - Omron Electronics LLC E2EL-X1R5F2-M1 Datasheet HTML 5Page - Omron Electronics LLC E2EL-X1R5F2-M1 Datasheet HTML 6Page - Omron Electronics LLC E2EL-X1R5F2-M1 Datasheet HTML 7Page - Omron Electronics LLC E2EL-X1R5F2-M1 Datasheet HTML 8Page - Omron Electronics LLC E2EL-X1R5F2-M1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
E2EL
E2EL
2
Ordering Information
Note:
The tables below contain a complete listing of all E2EL part numbers. For information on Proximity Sensors involved in the Sensor 500
Program refer to the previous page.
J CABLE TYPES
Brass housing
Item
Part numbers
Diameter
Length
Mounting
Sensing
Distance
Output
Diameter
Length
Mounting
Sensing
Distance
NPN/NO
NPN/NC
PNP/NO
PNP/NC
Æ6.5
30 mm
Shielded
1.5 mm
E2EL- C1R5E1
E2EL- C1R5E2
E2EL- C1R5F1
E2EL- C1R5F2
32 mm
Non--shielded 2.0 mm
E2EL- C2ME1
E2EL- C2ME2
E2EL- C2MF1
E2EL- C2MF2
45 mm
Shielded
1.5 mm
E2EL- C1R5E1- L E2EL- C1R5E2- L E2EL- C1R5F1- L E2EL- C1R5F2- L
47 mm
Non--shielded 2.0 mm
E2EL- C2ME1- L
E2EL- C2ME2- L
E2EL- C2MF1- L
E2EL- C2MF2- L
M8
30 mm
Shielded
1.5 mm
E2EL- X1R5E1
E2EL- X1R5E2
E2EL- X1R5F1
E2EL- X1R5F2
32 mm
Non--shielded 2.0 mm
E2EL- X2ME1
E2EL- X2ME2
E2EL- X2MF1
E2EL- X2MF2
45 mm
Shielded
1.5 mm
E2EL- X1R5E1- L E2EL- X1R5E2- L E2EL- X1R5F1- L
E2EL- X1R5F2- L
47 mm
Non--shielded 2.0 mm
E2EL- X2ME1- L
E2EL- X2ME2- L
E2EL- X2MF1- L
E2EL- X2MF2- L
M12
41 mm
Shielded
2.0 mm
E2EL- X2E1
E2EL- X2E2
E2EL- X2F1
E2EL- X2F2
Shielded
4.0 mm
E2EL- X4E1- D
E2EL- X4E2- D
E2EL- X4F1- D
E2EL- X4F2- D
Non--shielded 4.0 mm
E2EL- X4ME1
E2EL- X4ME2
E2EL- X4MF1
E2EL- X4MF2
53 mm
Shielded
2.0 mm
E2EL- X2E1- L
E2EL- X2E2- L
E2EL- X2F1- L
E2EL- X2F2- L
Shielded
4.0 mm
E2EL- X4E1- DL
E2EL- X4E2- DL
E2EL- X4F1- DL
E2EL- X4F2- DL
Non--shielded 4.0 mm
E2EL- X4ME1- L
E2EL- X4ME2- L
E2EL- X4MF1- L
E2EL- X4MF2- L
M18
40 mm
Shielded
5.0 mm
E2EL- X5E1
E2EL- X5E2
E2EL- X5F1
E2EL- X5F2
Shielded
8.0 mm
E2EL- X8E1- D
E2EL- X8E2- D
E2EL- X8F1- D
E2EL- X8F2- D
Non--shielded 8.0 mm
E2EL- X8ME1
E2EL- X8ME2
E2EL- X8MF1
E2EL- X8MF2
73 mm
Shielded
5.0 mm
E2EL- X5E1- L
E2EL- X5E2- L
E2EL- X5F1- L
E2EL- X5F2- L
Shielded
8.0 mm
E2EL- X8E1- DL
E2EL- X8E2- DL
E2EL- X8F1- DL
E2EL- X8F2- DL
Non--shielded 8.0 mm
E2EL- X8ME1- L
E2EL- X8ME2- L
E2EL- X8MF1- L
E2EL- X8MF2- L
M30
40 mm
Shielded
10.0 mm
E2EL- X10E1
E2EL- X10E2
E2EL- X10F1
E2EL- X10F2
Non--shielded 15.0 mm
E2EL- X15ME1
E2EL- X15ME2
E2EL- X15MF1
E2EL- X15MF2
80 mm
Shielded
10.0 mm
E2EL- X10E1- L
E2EL- X10E2- L
E2EL- X10F1- L
E2EL- X10F2- L
Non--shielded 15.0 mm
E2EL- X15ME1- L E2EL- X15ME2- L E2EL- X15MF1- L E2EL- X15MF2- L
Stainless steel housing
Item
Part numbers
Diameter
Length
Mounting
Sensing
Distance
Output
Diameter
Length
Mounting
Sensing
Distance
NPN/NO
NPN/NC
PNP/NO
PNP/NC
Æ6.5
30 mm
Shielded
2.0 mm
E2EL- C2E1- DS
E2EL- C2E2- DS
E2EL- C2F1- DS
E2EL- C2F2- DS
45 mm
Shielded
2.0 mm
E2EL- C2E1- DSL
E2EL- C2E2- DSL
E2EL- C2F1- DSL E2EL- C2F2- DSL
M8
30 mm
Shielded
2.0 mm
E2EL- X2E1- DS
E2EL- X2E2- DS
E2EL- X2F1- DS
E2EL- X2F2- DS
45 mm
Shielded
2.0 mm
E2EL- X2E1- DSL E2EL- X2E2- DSL E2EL- X2F1- DSL E2EL- X2F2- DSL
M12
41 mm
Shielded
4.0 mm
E2EL- X4E1- DS
E2EL- X4E2- DS
E2EL- X4F1- DS
E2EL- X4F2- DS
53 mm
Shielded
4.0 mm
E2EL- X4E1- DSL E2EL- X4E2- DSL E2EL- X4F1- DSL E2EL- X4F2- DSL
M18
40 mm
Shielded
8.0 mm
E2EL- X8E1- DS
E2EL- X8E2- DS
E2EL- X8F1- DS
E2EL- X8F2- DS
73 mm
Shielded
8.0 mm
E2EL- X8E1- DSL E2EL- X8E2- DSL E2EL- X8F1- DSL E2EL- X8F2- DSL


Similar Part No. - E2EL-X1R5F2-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X1R5F2-M1 OMRON-E2EL-X1R5F2-M1 Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
E2EL-X1R5F2-M1L OMRON-E2EL-X1R5F2-M1L Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X1R5F2-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com