Electronic Components Datasheet Search |
|
E2EL-C2MF2-M3 Datasheet(PDF) 11 Page - Omron Electronics LLC |
|
E2EL-C2MF2-M3 Datasheet(HTML) 11 Page - Omron Electronics LLC |
11 / 12 page E2EL E2EL 11 Item Examples Item AND (serial connection) The Sensors connected together must satisfy the following conditions: iL + (N–1) x i = Upper–limit of control output of each Sensor VS – N x VR = Load operating voltage N = No. of Sensors VR = Residual voltage of each Sensor VS = Supply voltage i = Current consumption of the Sensor iL = Load current If the MY Relay, which operate at 24 VDC, is used as a load for example, a maximum of two Proximity Sensors can be connected to the load. OR (parallel connection) The number of Sensors connected in parallel varies with the Proximity Sensor model. Effects of Surrounding Metal Shielded types: Shielded types allow direct installation on metal plates in an em- bedded manner without performance change. A minimum distance of 3sn is required between the active surface and a metallic surface in front of the device. (Fig. 1). For SUS shielded types the following minimum distances are re- quired to avoid performance change (see Fig.2 and table below): Shielded SUS Types Free zone E2EL–C2j–DS 0,5 mm E2EL–X2j–DS 0,5 mm E2EL–X4j–DjS 1,0 mm E2EL–X8j–DjS 2,0 mm w3sn Fig.1: Shielded type (except SUS) w3sn Freezone Fig.2: Shielded SUS type Non–shielded types: Installation of non–shielded types in metal require the minimum di- stances according to Fig. 3. d w3sn w2sn w3d Fig.3: Non–shielded type |
Similar Part No. - E2EL-C2MF2-M3 |
|
Similar Description - E2EL-C2MF2-M3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |