Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436616Y24VXXG-75PC Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V436616Y24VXXG-75PC
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436616Y24VXXG-75PC Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V436616Y24VXXG-75PC Datasheet HTML 2Page - Mosel Vitelic, Corp V436616Y24VXXG-75PC Datasheet HTML 3Page - Mosel Vitelic, Corp V436616Y24VXXG-75PC Datasheet HTML 4Page - Mosel Vitelic, Corp V436616Y24VXXG-75PC Datasheet HTML 5Page - Mosel Vitelic, Corp V436616Y24VXXG-75PC Datasheet HTML 6Page - Mosel Vitelic, Corp V436616Y24VXXG-75PC Datasheet HTML 7Page - Mosel Vitelic, Corp V436616Y24VXXG-75PC Datasheet HTML 8Page - Mosel Vitelic, Corp V436616Y24VXXG-75PC Datasheet HTML 9Page - Mosel Vitelic, Corp V436616Y24VXXG-75PC Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
V436616Y24V Rev. 1.0 January 2002
MOSEL VITELIC
V436616Y24V
Capacitance
TA =0°Cto70°C; VDD =3.3V ± 0.3V, f = 1 MHz
Absolute Maximum Ratings
Standby and Refresh Currents1
TA =0°Cto70°C, VCC =3.3V ± 0.3V
II(L)
Input Leakage Current, any input
(0 V < VIN < 3.6 V, all other inputs = 0V)
–40
40
µA
IO(L)
Output leakage current
(DQ is disabled, 0V < VOUT <VCC)
–40
40
µA
Symbol
Parameter
Limit Values (Max.)
Unit
CI1
Input Capacitance (A0 to A11, RAS,CAS,WE)65
pF
CI2
Input Capacitance (CS0,CSI)32
pF
CICL
Input Capacitance (CLK0-CLK1)
38
pF
CI3
Input Capacitance (CKE0, CKEI)
65
pF
CI4
Input Capacitance (DQMB0-DQMB7)
13
pF
CSC
Input Capacitance (SCL, SA0-2)
8
pF
CIO
Input/Output Capacitance
10
pF
Parameter
Max.
Units
VoltageonVDD Supply Relative to VSS
-1 to 4.6
V
VoltageonInput Relative to VSS
-1 to 4.6
V
Operating Temperature
0to+70
°C
Storage Temperature
-55to125
°C
Power Dissipation
4W
Symbol Parameter
Test Conditions
-75PC/75
-10PC
Unit
Note
ICC1
Operating Current
Burst length = 4, CL = 3
tRC>= tRC(min),
tCK>=tCK(min), IO = 0 mA
2 Bank Interleave Operation
920
840
mA
1,2
ICC2P
Precharged Standby Current in Power
Down Mode
CKE< = VIL(max), tCK>=tCK(min)
8
8
mA
ICC2N
Precharged Standby Current in
Non-Power Down Mode
CKE> = VIH(min), tCK>= tCK(min), Input
changedoncein3cycles
160
140
mA
CS =High
ICC3P
Active Standby Current in Power
Down Mode
CKE< = VIL(max), tCK>=tCK(min)
40
40
mA
Symbol
Parameter
Limit Values
Unit
Min.
Max.


Similar Part No. - V436616Y24VXXG-75PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results

Similar Description - V436616Y24VXXG-75PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VTG-10PC MOSEL-V436516S04VTG-10PC Datasheet
62Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644Y04VTG-10PC MOSEL-V43644Y04VTG-10PC Datasheet
147Kb / 10P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com