Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BX1196L Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # BX1196L
Description  SHDSL LINE TRANSFORMERS For use with Infineon Chipset
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

BX1196L Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  BX1196L Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OCL
Isolation
Part
Line
Turns Ratio
Voltage
Number
(mH ±6%)
(line:chip)
(Vrms)
BX1196L
3.0
4.5:1
1500
Electrical Specifications @ 25°C — Operating Temperature -40°C to +85°C
Mechanical
Matched to Infineon Socrates Chipset
Excellent THD performance with bias current
Designed to meet UL and EN60950 requirements
for supplementary insulation and 250V working voltage
Schematic
8
5
4
1
3
2
4.5:1
Line
IC
.492
12,50
MAX
.390MAX
9,90
8 SURFACES
.006/0,15
.028
5,80
.098
2,50
.047
1,20
.406
10,30
SUGGESTED PAD LAYOUT
.295
7,50
.024
0,60
.098
2,50
.295
7,50
BX1196L
Date Code
Country of Origin
.384
9,75
MAX
14
85
BX1196L
SHDSL LINE TRANSFORMERS
For use with Infineon Chipset
Weight ......................3.2 grams
Tape & Reel.................175/reel
Tray/Tube ......................90/tray
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
www.pulseeng.com
B888.A (10/05)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
3F-4, No. 81, Sec. 1
Hsin Tai Wu Road
Hsi-Chih
Taipei Hsien
Taiwan
TEL: 886 2 26980228
FAX: 886 2 26980948
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2005. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1002
No. 819
Nanjing West Rd
Shanghai
China
TEL: 86 21 32181071
FAX: 86 21 32181396


Similar Part No. - BX1196L

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BX1196L PULSE-BX1196L Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
More results

Similar Description - BX1196L

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SEP100-T TALEMA-SEP100-T Datasheet
28Kb / 1P
   SDSL /SHDSL Transformers for Infineon Chipsets
logo
Pulse A Technitrol Comp...
HDSL2 PULSE-HDSL2 Datasheet
83Kb / 1P
   LINE TRANSFORMER For Use with GlobeSpan Chipset
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
BX2565L PULSE-BX2565L Datasheet
49Kb / 1P
   ADSL LINE TRANSFORMER For Use with Centillium Maximus Chipset
BX2639L PULSE-BX2639L Datasheet
68Kb / 1P
   ADSL2 LINE TRANSFORMER For Use with Centillium CO Chipset
B2243 PULSE-B2243 Datasheet
72Kb / 1P
   ADSL LINE TRANSFORMER For Use with Texas Instruments Chipset
B2136 PULSE-B2136 Datasheet
111Kb / 1P
   ADSL LINE TRANSFORMERS For Analog Devices AD20msp930 Chipset
B2205 PULSE-B2205 Datasheet
67Kb / 1P
   ADSL LINE TRANSFORMERS For Use With Texas Instruments??Chipsets
logo
Infineon Technologies A...
PXB4220 INFINEON-PXB4220 Datasheet
46Kb / 2P
   members of Infineon ATM Chipset
2000
logo
Bel Fuse Inc.
0803-6500-20 BEL-0803-6500-20 Datasheet
324Kb / 2P
   Slim Line Hybrid for Infineon
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com