Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6285 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A6285
Description  16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6285 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A6285 Datasheet HTML 1Page - Allegro MicroSystems A6285 Datasheet HTML 2Page - Allegro MicroSystems A6285 Datasheet HTML 3Page - Allegro MicroSystems A6285 Datasheet HTML 4Page - Allegro MicroSystems A6285 Datasheet HTML 5Page - Allegro MicroSystems A6285 Datasheet HTML 6Page - Allegro MicroSystems A6285 Datasheet HTML 7Page - Allegro MicroSystems A6285 Datasheet HTML 8Page - Allegro MicroSystems A6285 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
16-Channel Constant-Current Latched LED Driver
with Open LED Detection and Dot Correction
A6285
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TA1 = 25°C, VDD = 3.0 to 5.5 V, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.2
Max.
Unit
Logic Supply Voltage Range
VDD
Operating
3.0
5.0
5.5
V
LED Load Supply Output Voltage
VLED
Operating
12.0
V
Undervoltage Lockout
VDD(UV)
VDD 0 → 5.0 V
2.5
2.7
2.9
V
VDD 5 → 0.0 V
2.3
2.5
2.7
V
Output Current
IO
VDS = 1 V, REXT = 600 Ω
70
80
90
mA
VDS = 1 V, REXT = 1.2 kΩ
35
40
45
mA
Output to Output Matching Error4
Err
1 V = VDS(x), REXT = 600 Ω;
All outputs on
+1.0
+4.0
%
1 V = VDS(x), REXT = 1.2 kΩ;
All outputs on
+1.0
+4.0
%
Load Regulation
∆IOreg
VDS(X) = 1 to 3 V, REXT = 600 Ω;
All outputs on
+6.0
%
Output Leakage Current
IDSS
VOH = 12 V
0.5
μA
Logic Input Voltage
VIH
0.8×VDD
–VDD
V
VIL
GND
0.2×VDD
V
Logic Input Voltage Hysteresis
VIhys
All digital inputs
250
900
mV
Logic Input Current
II
All digital inputs
–1
1
μA
SDO Voltage
VOL
IOL = 1 mA
0.5
V
VOH
IOH = –1 mA
VDD–0.5
V
Supply Current3
IDD(OFF)
REXT = 9.6 kΩ, VOE = 5 V
6
mA
REXT = 1.2 kΩ, VOE = 5 V
17
mA
IDD(ON)
All outputs on, REXT = 1.2 kΩ, VO = 1 V,
data transfer 30 MHz
25
mA
All outputs on, REXT = 600 Ω, VO = 1 V,
data transfer 30 MHz
–26
35
mA
FAULT Output
VOUT(0) IOUT = 5 mA; faults asserted
0.4
V
IOUT(1)
VOUT = 5.5 V, open drain; faults negated
1
μA
Active Pull-up
IOUT(0)
VLED = 1 V, all outputs off
2.8
mA
Thermal Shutdown Temperature
TJTSD
Temperature increasing
165
°C
Thermal Shutdown Hysteresis
TJTSDhys
–15–°C
Open LED Detection Threshold
VLOD
0.30
0.40
V
Reference Voltage at REXT
VEXT
REXT = 600 Ω
1.21
1.25
1.31
V
1Tested at 25°C. Specifications are assured by design and characterization over the operating temperature range of –40°C to 85°C.
2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for
individual units, within the specified maximum and minimum limits.
3Recommended operating range: VO = 1.0 to 3.0 V.
4Err = (IO(min or max) – IO(av)) / IO(av).
Operating Characteristics


Similar Part No. - A6285

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280EA-T ALLEGRO-A6280EA-T Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280EESTR-T ALLEGRO-A6280EESTR-T Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
More results

Similar Description - A6285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6278 ALLEGRO-A6278_07 Datasheet
652Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
A6278 ALLEGRO-A6278 Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923 TI1-TLC5923_17 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com