Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2EL-X2ME2-M1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2EL-X2ME2-M1
Description  Cylindrical Proximity Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X2ME2-M1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2EL-X2ME2-M1 Datasheet HTML 1Page - Omron Electronics LLC E2EL-X2ME2-M1 Datasheet HTML 2Page - Omron Electronics LLC E2EL-X2ME2-M1 Datasheet HTML 3Page - Omron Electronics LLC E2EL-X2ME2-M1 Datasheet HTML 4Page - Omron Electronics LLC E2EL-X2ME2-M1 Datasheet HTML 5Page - Omron Electronics LLC E2EL-X2ME2-M1 Datasheet HTML 6Page - Omron Electronics LLC E2EL-X2ME2-M1 Datasheet HTML 7Page - Omron Electronics LLC E2EL-X2ME2-M1 Datasheet HTML 8Page - Omron Electronics LLC E2EL-X2ME2-M1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Cylindrical Proximity Sensor
E2EL
A new series of easy–to–use models for
standard– and double–distance
Stainless steel and brass housing
Two housing length for each type
Pre–wired and Plug–in connector types
Short–circuit protection and reverse pola-
rity protection
Ordering Information
Cable types
Brass housing
Diameter
Length
Mounting
Sensing
Output
Distance
NPN / NO
NPN / NC
PNP / NO
PNP / NC
6,5
30 mm
Shielded
1,5 mm
E2EL–C1R5E1 2M
E2EL–C1R5E2 2M
E2EL–C1R5F1 2M
E2EL–C1R5F2 2M
32 mm
Non–shielded
2,0 mm
E2EL–C2ME1 2M
E2EL–C2ME2 2M
E2EL–C2MF1 2M
E2EL–C2MF2 2M
45 mm
Shielded
1,5 mm
E2EL–C1R5E1–L 2M
E2EL–C1R5E2–L 2M
E2EL–C1R5F1–L 2M
E2EL–C1R5F2–L 2M
47 mm
Non–shielded
2,0 mm
E2EL–C2ME1–L 2M
E2EL–C2ME2–L 2M
E2EL–C2MF1–L 2M
E2EL–C2MF2–L 2M
M8
30 mm
Shielded
1,5 mm
E2EL–X1R5E1 2M
E2EL–X1R5E2 2M
E2EL–X1R5F1 2M
E2EL–X1R5F2 2M
32 mm
Non–shielded
2,0 mm
E2EL–X2ME1 2M
E2EL–X2ME2 2M
E2EL–X2MF1 2M
E2EL–X2MF2 2M
45 mm
Shielded
1,5 mm
E2EL–X1R5E1–L 2M
E2EL–X1R5E2–L 2M
E2EL–X1R5F1–L 2M
E2EL–X1R5F2–L 2M
47 mm
Non–shielded
2,0 mm
E2EL–X2ME1–L 2M
E2EL–X2ME2–L 2M
E2EL–X2MF1–L 2M
E2EL–X2MF2–L 2M
M12
41 mm
Shielded
2,0 mm
E2EL–X2E1 2M
E2EL–X2E2 2M
E2EL–X2F1 2M
E2EL–X2F2 2M
Shielded
4,0 mm
E2EL–X4E1–D 2M
E2EL–X4E2–D 2M
E2EL–X4F1–D 2M
E2EL–X4F2–D 2M
Non–shielded
4,0 mm
E2EL–X4ME1 2M
E2EL–X4ME2 2M
E2EL–X4MF1 2M
E2EL–X4MF2 2M
53 mm
Shielded
2,0 mm
E2EL–X2E1–L 2M
E2EL–X2E2–L 2M
E2EL–X2F1–L 2M
E2EL–X2F2–L 2M
Shielded
4,0 mm
E2EL–X4E1–DL 2M
E2EL–X4E2–DL 2M
E2EL–X4F1–DL 2M
E2EL–X4F2–DL 2M
Non–shielded
4,0 mm
E2EL–X4ME1–L 2M
E2EL–X4ME2–L 2M
E2EL–X4MF1–L 2M
E2EL–X4MF2–L 2M
M18
40 mm
Shielded
5,0 mm
E2EL–X5E1 2M
E2EL–X5E2 2M
E2EL–X5F1 2M
E2EL–X5F2 2M
Shielded
8,0 mm
E2EL–X8E1–D 2M
E2EL–X8E2–D 2M
E2EL–X8F1–D 2M
E2EL–X8F2–D 2M
Non–shielded
8,0 mm
E2EL–X8ME1 2M
E2EL–X8ME2 2M
E2EL–X8MF1 2M
E2EL–X8MF2 2M
73 mm
Shielded
5,0 mm
E2EL–X5E1–L 2M
E2EL–X5E2–L 2M
E2EL–X5F1–L 2M
E2EL–X5F2–L 2M
Shielded
8,0 mm
E2EL–X8E1–DL 2M
E2EL–X8E2–DL 2M
E2EL–X8F1–DL 2M
E2EL–X8F2–DL 2M
Non–shielded
8,0 mm
E2EL–X8ME1–L 2M
E2EL–X8ME2–L 2M
E2EL–X8MF1–L 2M
E2EL–X8MF2–L 2M
M30
40 mm
Shielded
10,0 mm
E2EL–X10E1 2M
E2EL–X10E2 2M
E2EL–X10F1 2M
E2EL–X10F2 2M
Non–shielded
15,0 mm
E2EL–X15ME1 2M
E2EL–X15ME2 2M
E2EL–X15MF1 2M
E2EL–X15MF2 2M
80 mm
Shielded
10,0 mm
E2EL–X10E1–L 2M
E2EL–X10E2–L 2M
E2EL–X10F1–L 2M
E2EL–X10F2–L 2M
Non–shielded
15,0 mm
E2EL–X15ME1–L 2M
E2EL–X15ME2–L 2M
E2EL–X15MF1–L 2M
E2EL–X15MF2–L 2M


Similar Part No. - E2EL-X2ME2-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X2ME2-M1 OMRON-E2EL-X2ME2-M1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2EL-X2ME2-M1L OMRON-E2EL-X2ME2-M1L Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X2ME2-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com