Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1221L-005 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1221L-005
Description  LOW NOISE ANALOG ACCELEROMETER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1221L-005 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  1221L-005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1221L-005 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1221L-005 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1221L-005 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1221L-005 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1221L-005 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1221L-005 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc.
 1445 NW Mall Street, Issaquah, WA 98027-5344  Phone: 425-391-8329  Fax: 425-391-0446
web site: www.silicondesigns.com
[page 7]
Aug 05
APPLICATION NOTE
Model 1221 Accelerometer
$'',1*$6,1*/((1'('287387727+(02'(/
',))(5(17,$/287387$&&(/(520(7(5
R1 = R2 = 5.00K ±0.5% for precision 2.50V ref.
R3, R4, R5 & R6 = 20k
6 to 50k6
R3 = R5 to within 0.1% for common mode rejection
R4 = R6 to within 0.1% for common mode rejection
R4 / R3 ratio accurate to within 0.1% for gain control
R6 / R5 ratio accurate to within 0.1% for gain control
C1 = C2 = 0.01
F ceramic
To achieve the highest resolution and lowest noise performance from your model 1221 accelerometer module,
it should be connected to your voltage measurement instrument in a differential configuration using both the AOP and AON
output signals. If your measurement instrument lacks differential input capability or you desire to use a differential input
capable instrument in single ended mode, then the circuit above can be used to preserve the low noise performance of
the model 1221 while using a single ended type connection.
This circuit converts the ± 4 Volt differential output of the model 1221 accelerometer, centered at +2.5 Volts, to
a single ended output centered about ground (0.0 Volts). It provides the advantage of low common mode noise by
preventing the ground current of the model 1221 from causing an error in the voltage reading.
The op-amp should be located as close as possible to your voltage monitoring equipment so that the majority of
the signal path is differential. Any noise present along the differential path will affect both wires to the same degree and
the op-amp will reject this noise because it is a common mode signal. The op-amp type is not critical; a
A741 or ¼ of a
LM124 can be used. Both plus and minus supplies are needed for the op-amp to accommodate the positive and negative
swings of the single ended output signal.
The gain of the op-amp is determined by the ratio R4/R3 (where R4=R6 and R3=R5). If R3 through R6 are all the
same value, the gain equals 1 and the output swing will be ± 4 Volts single ended with respect to ground. To obtain a ±
5 Volt single ended output, set R4/R3 = R6/R5 = 5/4 = 1.25. The single ended output of the op-amp will be centered at
ground if R4 and C3 are tied to ground; using some other fixed voltage for this reference can shift the output. The value
of the optional capacitors C3 and C4 (C3=C4) can be selected to roll off the frequency response to the frequency range
of interest.


Similar Part No. - 1221L-005

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1221 YANTEL-1221 Datasheet
80Kb / 2P
   Variable RF Inductor
logo
Alpha Wire
1221 ALPHAWIRE-1221 Datasheet
106Kb / 3P
   Customer Specification
9/8/2022
logo
RAF ELECTRONIC HARDWARE
1221-12-PH RAF-1221-12-PH Datasheet
48Kb / 1P
   1/2 ROUND SPACERS
1221-25-AL RAF-1221-25-AL Datasheet
48Kb / 1P
   1/2 ROUND SPACERS
logo
Amphenol Corporation
1221-40049 AMPHENOL-1221-40049 Datasheet
113Kb / 1P
   SMP JACK W/ QUARTER BACK NUT FOR 횠.085 CABLE
More results

Similar Description - 1221L-005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXA2500U ETC1-MXA2500U Datasheet
321Kb / 8P
   Ultra Low Noise, 1g Dual Axis Accelerometer with Analog Outputs
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
   Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
MEMSIC Semiconductor (T...
MXA2500E MEMSIC-MXA2500E Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com