Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F563FCX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F563FCX
Description  Octal D-Type Latch with TRI-STATE짰 Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F563FCX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F563FCX Datasheet HTML 1Page - National Semiconductor (TI) 74F563FCX Datasheet HTML 2Page - National Semiconductor (TI) 74F563FCX Datasheet HTML 3Page - National Semiconductor (TI) 74F563FCX Datasheet HTML 4Page - National Semiconductor (TI) 74F563FCX Datasheet HTML 5Page - National Semiconductor (TI) 74F563FCX Datasheet HTML 6Page - National Semiconductor (TI) 74F563FCX Datasheet HTML 7Page - National Semiconductor (TI) 74F563FCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
35
85
30
105
30
95
ns
tPHL
Dn to On
25
65
20
75
20
70
tPLH
Propagation Delay
45
95
40
110
40
105
ns
tPHL
LE to On
30
70
25
75
25
70
tPZH
Output Enable Time
20
75
20
95
20
90
tPZL
30
85
25
100
15
95
ns
tPHZ
Output Disable Time
15
55
15
70
15
65
tPLZ
15
55
15
55
15
55
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
20
20
20
ns
ts(L)
Dn to LE
20
20
20
th(H)
Hold Time HIGH or LOW
30
30
30
ns
th(L)
Dn to LE
30
30
30
tw(H)
LE Pulse Width HIGH
40
40
40
ns
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
563
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
X e Devices shipped in 13 reels
54F e Military
QB e Military grade device with
environmental and burn-in
Device Type
processing shipped in tubes
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
4


Similar Part No. - 74F563FCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F563 FAIRCHILD-74F563 Datasheet
59Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74F563PC FAIRCHILD-74F563PC Datasheet
59Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74F563SC FAIRCHILD-74F563SC Datasheet
59Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74F563SJ FAIRCHILD-74F563SJ Datasheet
59Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74F563FCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT543 NSC-54ABT543 Datasheet
160Kb / 8P
   Octal Registered Transceiver with TRI-STATE짰 Outputs
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
   Octal D-Type Latch with TRI-STATE Outputs
54F573DM NSC-54F573DM Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
   OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
   TRI-STATE-R Octal D-Type Latch with Inverted Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
[Old version datasheet]   Octal Latch with Tri-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com