Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2EL-X2F1-DSL Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E2EL-X2F1-DSL
Description  Cylindrical Proximity Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X2F1-DSL Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E2EL-X2F1-DSL Datasheet HTML 2Page - Omron Electronics LLC E2EL-X2F1-DSL Datasheet HTML 3Page - Omron Electronics LLC E2EL-X2F1-DSL Datasheet HTML 4Page - Omron Electronics LLC E2EL-X2F1-DSL Datasheet HTML 5Page - Omron Electronics LLC E2EL-X2F1-DSL Datasheet HTML 6Page - Omron Electronics LLC E2EL-X2F1-DSL Datasheet HTML 7Page - Omron Electronics LLC E2EL-X2F1-DSL Datasheet HTML 8Page - Omron Electronics LLC E2EL-X2F1-DSL Datasheet HTML 9Page - Omron Electronics LLC E2EL-X2F1-DSL Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
E2EL
E2EL
6
Engineering Data
J STANDARDIZED CHARACTERISTIC FOR LATERAL APPROACH
0
0.2
0.4
0.6
0.8
1
1.2
--1
--0.8
--0.6
--0.4
--0.2
0
0.2
0.4
0.6
0.8
1
lateral distance related to radius of ’active surface’ (r/ract)
standard target
axial aproach
lateral approach
off
’switch--on’ curve
’switch--off’ curve
on
J OUTPUT CIRCUIT DIAGRAM AND TIMING CHART
E2EL--XjEj
NPN Output
E2EL-XjFj
PNP Output
Main
circuit
Brown 1
Blue 3
Load
Black 4 (or 2)
Blue 3
Load
Black 4 (or 2)
Brown 1
0 V
Main
circuit
4.7 kW
4.7 kW
Sensing object
Yellow indicator
Control output
Yes
No
ON
OFF
Lit
Not lit
E2EL- XjEj
NPN Output
NO
NC
Sensing object
Yellow indicator
Control output
Yes
No
ON
OFF
Lit
Not lit
NO
NC
E2EL- XjFj
PNP Output


Similar Part No. - E2EL-X2F1-DSL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X2F1-DSL2M OMRON-E2EL-X2F1-DSL2M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X2F1-DSL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com