Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17067 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17067
Description  Low-Noise Step-Up DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17067 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17067 Datasheet HTML 5Page - Maxim Integrated Products MAX17067 Datasheet HTML 6Page - Maxim Integrated Products MAX17067 Datasheet HTML 7Page - Maxim Integrated Products MAX17067 Datasheet HTML 8Page - Maxim Integrated Products MAX17067 Datasheet HTML 9Page - Maxim Integrated Products MAX17067 Datasheet HTML 10Page - Maxim Integrated Products MAX17067 Datasheet HTML 11Page - Maxim Integrated Products MAX17067 Datasheet HTML 12Page - Maxim Integrated Products MAX17067 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Low-Noise Step-Up DC-DC Converter
10
______________________________________________________________________________________
Diode Selection
The output diode should be rated to handle the output
voltage and the peak switch current. Make sure that the
diode’s peak current rating is at least IPK and that its
breakdown voltage exceeds VOUT. Schottky diodes are
recommended.
Input and Output Capacitor Selection
Low-ESR capacitors are recommended for input
bypassing and output filtering. Low-ESR tantalum
capacitors are a good compromise between cost and
performance. Ceramic capacitors are also a good
choice. Avoid standard aluminum electrolytic capaci-
tors. A simple equation to estimate input and output-
capacitor values for a given voltage ripple is as follows:
where VRIPPLE is the peak-to-peak ripple voltage on the
capacitor.
Output Voltage
The MAX17067 operates with an adjustable output from
VIN to 20V. Connect a resistor voltage-divider to FB
(see the
Typical Operating Circuit) from the output to
GND. Select the resistor values as follows:
where VFB, the boost-regulator feedback set point, is
1.24V. Since the input bias current into FB is typically
zero, R2 can have a value up to 100k
Ω without sacrificing
accuracy. Connect the resistor-divider as close to the IC
as possible.
Loop Compensation
The voltage feedback loop needs proper compensation
to prevent excessive output ripple and poor efficiency
caused by instability. This is done by connecting a resis-
tor (RCOMP) and capacitor (CCOMP) in series from
COMP to GND, and another capacitor (CCOMP2) from
COMP to GND. RCOMP is chosen to set the high-fre-
quency integrator gain for fast-transient response, while
CCOMP is chosen to set the integrator zero to maintain
loop stability. The second capacitor, CCOMP2, is chosen
to cancel the zero introduced by output-capacitance
ESR. For optimal performance, choose the components
using the following equations:
RCOMP
= (274Ω/A2 x VIN x VOUT x COUT/(L x IOUT)
CCOMP
≅ (0.36 x 10-3 A/Ω) x L/VIN
CCOMP2
≅ (0.0036 A/Ω) x RESR x L x IOUT/(VIN x VOUT)
For the ceramic output capacitor, where ESR is small,
CCOMP2 is optional. Table 1 shows experimentally verified
external component values for several applications.
The best gauge of correct loop compensation is by
inspecting the transient response of the MAX17067.
Adjust RCOMP and CCOMP as necessary to obtain opti-
mal transient performance.
Soft-Start Capacitor
The soft-start capacitor should be large enough that it
does not reach final value before the output has
reached regulation. Calculate CSS to be:
where:
COUT = total output capacitance including any bypass
capacitor on the output bus
VOUT = maximum output voltage
IINRUSH = peak inrush current allowed
IOUT = maximum output current during power-up stage
VIN = minimum input voltage
The load must wait for the soft-start cycle to finish
before drawing a significant amount of load current.
The duration after which the load can begin to draw
maximum load current is:
tMAX = 2.5 x 105 CSS
C
21
10
C
V
V
V
V
I
I
V
SS
6
OUT
IN
OUT
IN
INRUSH
OUT
OUT
OUT
2
×
−×
×−
×
RR
V
V
OUT
FB
12
1
=−
⎝⎜
⎠⎟
C
0.5
L
I
V
V
PK
2
RIPPLE
OUT
×× ⎛⎝
×


Similar Part No. - MAX17067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1706 MAXIM-MAX1706 Datasheet
215Kb / 20P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 0; 4/97
MAX1706 MAXIM-MAX1706 Datasheet
277Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise
2000
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
MAX17061AETI++ MAXIM-MAX17061AETI+ Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
More results

Similar Description - MAX17067

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX1709 MAXIM-MAX1709_07 Datasheet
315Kb / 14P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Rev 2; 4/07
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Maxim Integrated Produc...
MAX1709 MAXIM-MAX1709 Datasheet
502Kb / 12P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
19-1724; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com