Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78SR114HC Datasheet(PDF) 5 Page - Texas Instruments

Part # 78SR114HC
Description  1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

78SR114HC Datasheet(HTML) 5 Page - Texas Instruments

  78SR114HC Datasheet HTML 1Page - Texas Instruments 78SR114HC Datasheet HTML 2Page - Texas Instruments 78SR114HC Datasheet HTML 3Page - Texas Instruments 78SR114HC Datasheet HTML 4Page - Texas Instruments 78SR114HC Datasheet HTML 5Page - Texas Instruments 78SR114HC Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 3


Similar Part No. - 78SR114HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78SR114HC TI-78SR114HC Datasheet
214Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR114HC TI-78SR114HC Datasheet
189Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR114HC TI1-78SR114HC Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - 78SR114HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78SR153 TI-78SR153 Datasheet
189Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST105 TI1-78ST105 Datasheet
244Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST100 TI-PT78ST100_07 Datasheet
177Kb / 7P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST105 TI1-PT78ST105 Datasheet
496Kb / 6P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST100 TI-PT78ST100 Datasheet
159Kb / 4P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI-78SR100 Datasheet
214Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST100 TI-78ST100 Datasheet
229Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153HC TI1-78SR153HC Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
SLTS061A TI-SLTS061A Datasheet
488Kb / 3P
[Old version datasheet]   1.5 Amp Negative Step-Down Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com