Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISR860 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # ISR860
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ISR860 Datasheet(HTML) 1 Page - Rectron Semiconductor

  ISR860 Datasheet HTML 1Page - Rectron Semiconductor ISR860 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High surge capabitity
* High reliability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: ITo-220A molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
ISR820
THRU
ISR860
ITO-220A
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance Junction to Case.
2. Suffix “R” for Reverse Polarity.
Dimensions in inches and (millimeters)
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2002-11
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
8.0
150
2.5
700
Amps
0 C/ W
0 C
Storage Temperature Range
R
θ JC
IO
pF
Operating Temperature Range
TJ
ISR820
20
-55 to + 150
-55 to + 150
0 C
ISR835
ISR830
ISR840 ISR845
ISR850
ISR860
30
35
40
45
50
60
14
21
25
28
32
35
42
20
30
35
40
45
50
60
450
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
5.0
50
@TC = 25
oC
@TC = 100
oC
.65
mAmps
UNITS
ISR820
ISR835
ISR830
ISR840 ISR845
ISR850
ISR860
.75
.138(3.5)
.406(10.3)
.114(2.9)
.055(1.4)
.382(9.7)
.098(2.5)
.039(1.0)
.169(4.3)
.110(2.8)
.602(15.3)
.035(0.9)
.108(2.75)
.091(2.30)
.020(0.5)
.579(14.7)
.031(0.8)
.016 (0.4)
.185(4.7)
.122(3.1)
.154 (3.9)
.138 (3.5)
.071(1.8)
.055(1.4)
.531(13.5)
.492(12.5)
.114(2.9)
.098(2.5)
.134(3.4)
.04MAX.
(1.0)


Similar Part No. - ISR860

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISR XPPOWER-ISR Datasheet
357Kb / 3P
   DC-DC Converter
logo
Rectron Semiconductor
ISR10100 RECTRON-ISR10100 Datasheet
35Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 10 Amperes
ISR10100C RECTRON-ISR10100C Datasheet
313Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE
logo
RFE international
ISR1013-102K RFE-ISR1013-102K Datasheet
53Kb / 1P
   THRU-HOLE INDUCTORS ISR Series: Shielded Fixed Inductor
ISR1013-103K RFE-ISR1013-103K Datasheet
53Kb / 1P
   THRU-HOLE INDUCTORS ISR Series: Shielded Fixed Inductor
More results

Similar Description - ISR860

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com