Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC30 Datasheet(PDF) 7 Page - STMicroelectronics

Part # FC30
Description  MEMS functional sensor:smart 3D orientation and click detection standalone device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC30 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button FC30 Datasheet HTML 3Page - STMicroelectronics FC30 Datasheet HTML 4Page - STMicroelectronics FC30 Datasheet HTML 5Page - STMicroelectronics FC30 Datasheet HTML 6Page - STMicroelectronics FC30 Datasheet HTML 7Page - STMicroelectronics FC30 Datasheet HTML 8Page - STMicroelectronics FC30 Datasheet HTML 9Page - STMicroelectronics FC30 Datasheet HTML 10Page - STMicroelectronics FC30 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FC30
Electrical specifications
7/13
3
Electrical specifications
3.1
Electrical characteristics
Figure 5.
Orientation accuracy angle
3.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 3.
Electrical characteristics(1) (2)
Symbol
Parameter
Test conditions
Min.
Typ.(3)
Max.
Unit
Vdd
Supply voltage
2.16
2.5
3.6
V
Vdd_IO
I/O pins supply voltage
1.71
Vdd+0.1
V
Idd
Supply current
T = 25°C
0.3
0.4
mA
IddPdn
Current consumption in
power-down mode
T = 25°C
1
µA
Ton
Turn-on time(4)
30
ms
Ac
Accuracy(5)
±3
deg
Top
Operating temperature range
-40
+85
°C
Wh
Product weight
30
mg
1.
The product is factory calibrated at 2.5 V. The device can be used from 2.16 V to 3.6 V
2.
All the parameters are specified @ Vdd=2.5 V, T = 25 °C unless otherwise noted
3.
Typical specification are not guaranteed
4.
Time to obtain valid data after exiting power-down mode
5.
Accuracy defines the angle around the three orthogonal directions where orientation is detected (see Figure 5)
Accuracy
Gravity


Similar Part No. - FC30

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FC3 COOPER-FC3 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Beckhoff Automation Gmb...
FC3101 BECKHOFF-FC3101 Datasheet
162Kb / 2P
   Infrastructure, 1-channel fieldbus card, PROFIBUS, master/slave, PCI, D-sub
FC3101-0000 BECKHOFF-FC3101-0000 Datasheet
162Kb / 2P
   Infrastructure, 1-channel fieldbus card, PROFIBUS, master/slave, PCI, D-sub
FC3101-0002 BECKHOFF-FC3101-0002 Datasheet
162Kb / 2P
   Infrastructure, 1-channel fieldbus card, PROFIBUS, master/slave, PCI, D-sub
FC3102 BECKHOFF-FC3102 Datasheet
162Kb / 2P
   Infrastructure, 2-channel fieldbus card, PROFIBUS, master/slave, PCI, D-sub
More results

Similar Description - FC30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20328AEVKIT MAXIM-MAX20328AEVKIT Datasheet
829Kb / 8P
   Automatic MIC/GND Orientation Detection
Rev 1; 1/20
logo
Protek Devices
PA4401 PROTEC-PA4401 Datasheet
115Kb / 7P
   Click-Pop Suppression Device
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
   Click-Pop Suppression Device
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
   CLICK-POP SUPPRESSION DEVICE
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
   3-Axis Orientation/Motion Detection Sensor
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
Vishay Siliconix
DG3015DB VISHAY-DG3015DB Datasheet
12Kb / 1P
   Device Orientation-MICRO FOOT Packages
04-Jun-04
logo
List of Unclassifed Man...
WD76C30 ETC-WD76C30 Datasheet
2Mb / 53P
   DEVICE PROVIDES THREE FUNCTIONAL GROUPS
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com