Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF02-USB05F2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF02-USB05F2
Description  2 line EMF filter including ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB05F2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF02-USB05F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EMIF02-USB05F2
Package information
5/7
3
Package information
Figure 8.
Flip-Chip package dimensions
Figure 11.
Flip-Chip tape and reel specification
Figure 9.
Foot print recomendations
Figure 10.
Marking
0.92 mm ± 50 µm
315 µm ± 50
500 µm ± 10
650 µm ± 65
Copper pad Diameter:
250 µm recommended, 300 µm max
Solder stencil opening: 330 µm
Solder mask opening recommendation:
340 µm min for 315 µm copper pad diameter
x
y
x
w
z
w
E
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.73 +/- 0.05


Similar Part No. - EMIF02-USB05F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB05C2 STMICROELECTRONICS-EMIF02-USB05C2 Datasheet
150Kb / 7P
   2 line EMF filter including ESD protection
More results

Similar Description - EMIF02-USB05F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB05C2 STMICROELECTRONICS-EMIF02-USB05C2 Datasheet
150Kb / 7P
   2 line EMF filter including ESD protection
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
   2-line IPAD, EMI filter including ESD protection
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_10 Datasheet
195Kb / 8P
   2-line IPAD?? EMI filter including ESD protection
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
   2-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2 Datasheet
141Kb / 8P
   3 line EMI filter including ESD protection
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2 Datasheet
130Kb / 7P
   3 LINE EMI FILTER INCLUDING ESD PROTECTION
EMIF02-USB01 STMICROELECTRONICS-EMIF02-USB01 Datasheet
111Kb / 6P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
January 2003 - Ed: 5
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com