Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24AA01WI-3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT24AA01WI-3
Description  1-Kb and 2-Kb I2C CMOS Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AA01WI-3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT24AA01WI-3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24AA01WI-3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24AA01WI-3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24AA01WI-3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24AA01WI-3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24AA01WI-3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24AA01WI-3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24AA01WI-3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24AA01WI-3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT24AA01, CAT24AA02
Doc. No. MD-1120 Rev. B
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
POWER-ON RESET (POR)
Each CAT24AA01/02 incorporates Power-On Reset
(POR) circuitry which protects the internal logic
against powering up in the wrong state. The device
will power up into Standby mode after VCC exceeds
the POR trigger level and will power down into Reset
mode when VCC drops below the POR trigger level.
This bi-directional POR behavior protects the
device against brown-out failure, following a
temporary loss of power.
PIN DESCRIPTION
SCL:
The Serial Clock input pin accepts the clock
signal generated by the Master.
SDA:
The Serial Data I/O pin accepts input data and
delivers output data. In transmit mode, this pin is open
drain. Data is acquired on the positive edge, and
delivered on the negative edge of SCL.
WP:
When the Write Protect input pin is forced HIGH
by an external source, all write operations are
inhibited. When the pin is not driven by an external
source, it is pulled LOW internally.
FUNCTIONAL DESCRIPTION
The CAT24AA01/02 supports the Inter-Integrated
Circuit (I
2C) Bus protocol. The protocol relies on the
use of a Master device, which provides the clock and
directs bus traffic, and Slave devices which execute
requests. The CAT24AA01/02 operates as a Slave
device. Both Master and Slave can transmit or
receive, but only the Master can assign those roles.
I
2C BUS PROTOCOL
The 2-wire I
2C bus consists of two lines, SCL and
SDA, connected to the VCC supply via pull-up
resistors. The Master provides the clock to the SCL
line, and the Master and Slaves drive the SDA line. A
‘0’ is transmitted by pulling a line LOW and a ‘1’ by
releasing it HIGH. Data transfer may be initiated only
when the bus is not busy (see A.C. Characteristics).
During data transfer, SDA must remain stable while
SCL is HIGH.
START/STOP Condition
An SDA transition while SCL is HIGH creates a
START or STOP condition (Figure 1). A START is
generated by a HIGH to LOW transition, while a
STOP is generated by a LOW to HIGH transition. The
START acts like a wake-up call. Absent a START, no
Slave will respond to the Master. The STOP
completes all commands.
Device Addressing
The Master addresses a Slave by creating a START
condition and then broadcasting an 8-bit Slave
address (Figure 2). The first four bits of the Slave
address are 1010 (Ah).
For the CAT24AA01/02 the next three bits must
be 000.
The last bit, R/W
¯¯, instructs the Slave to either provide
(1) or accept (0) data, i.e. it signals a Read (1) or a
Write (0) request.
Acknowledge
During the 9
th clock cycle following every byte sent
onto the bus, the transmitter releases the SDA line,
allowing the receiver to respond. The receiver then
either acknowledges (ACK) by pulling SDA LOW, or
does not acknowledge (NoACK) by letting SDA stay
HIGH (Figure 3). Bus timing is illustrated in Figure 4.


Similar Part No. - CAT24AA01WI-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24AA01WI-GT10 ONSEMI-CAT24AA01WI-GT10 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA01WI-GT3 ONSEMI-CAT24AA01WI-GT3 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA01WI-T10 ONSEMI-CAT24AA01WI-T10 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA01WI-T3 ONSEMI-CAT24AA01WI-T3 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
More results

Similar Description - CAT24AA01WI-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com