Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436616Y24V Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V436616Y24V
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436616Y24V Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V436616Y24V Datasheet HTML 1Page - Mosel Vitelic, Corp V436616Y24V Datasheet HTML 2Page - Mosel Vitelic, Corp V436616Y24V Datasheet HTML 3Page - Mosel Vitelic, Corp V436616Y24V Datasheet HTML 4Page - Mosel Vitelic, Corp V436616Y24V Datasheet HTML 5Page - Mosel Vitelic, Corp V436616Y24V Datasheet HTML 6Page - Mosel Vitelic, Corp V436616Y24V Datasheet HTML 7Page - Mosel Vitelic, Corp V436616Y24V Datasheet HTML 8Page - Mosel Vitelic, Corp V436616Y24V Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V436616Y24V
3
V436616Y24V Rev. 1.0 January 2002
Part Number Information
Block Diagram
V
4
3
66
16
Y
2
4
V
X
T
G -XX
SDRAM
3.3V
WIDTH
DEPTH
168 PIN Unbuffered
DIMM X16 COMPONENT
REFRESH
RATE 8K
4 BANKS
LVTTL
COMPONENT A=0.17u B=0.14u
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
LEAD FINISH
G= GOLD
SPEED
75PC = 133MHz CL3,2
MOSEL VITELIC
MANUFACTURED
75
= 133MHz CL3
10PC = 100MHz CL3,2
WE
CSO
U0–U7
A0–A12, BA0, BA1
VDD
U0–U3
CKE0
U4–U7
CKEI
U0-U3
RAS
U0-U3
CAS
U0–U7
U0, U1
CLK0
VSS
U2, U3
10
SCL
SDA
10
SPD
A0
A1
A2
DQMB4
DQMB5
DQ32–39
DQ40–47
UDQM
U2
LDQM
DQMB0
DQMB1
DQ0–7
DQ8–15
UDQM
U0
LDQM
DQMB6
DQMB7
DQ43–54
DQ55–63
UDQM
U3
LDQM
DQMB2
DQMB3
DQ16–23
DQ24–31
UDQM
U1
LDQM
CS
WE
CS
WE
CS
WE
CS
WE
C1–C4


Similar Part No. - V436616Y24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results

Similar Description - V436616Y24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VTG-10PC MOSEL-V436516S04VTG-10PC Datasheet
62Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644Y04VTG-10PC MOSEL-V43644Y04VTG-10PC Datasheet
147Kb / 10P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com