Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH4N270KJ04 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LQH4N270KJ04
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH4N270KJ04 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LQH4N270KJ04 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH4N270KJ04 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH4N270KJ04 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH4N270KJ04 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH4N270KJ04 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH4N270KJ04 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH4N270KJ04 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH4N270KJ04 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH4N270KJ04 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
1
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
LQ
(Ex.)
H
3
N
331
K
!PART NUMBERING
(Please specify the part number when ordering.)
q
w e r
t
y
34
u
LQ
N
21
A
10N
J
q
w
e
r
t
y
04
u
LQ
G
21
N
R10
K
q
w
e
r
t
y
10
u
T1
i
qChip Coil
wForm .Structure
eSize
Mark
1
3
4
6
10
11
21
33
66
1608
3216
Size
3.2
Z1.6mm
3.2
Z2.5mm
4.5
Z3.2mm
5.7
Z5.0mm
1.0
Z0.5mm
1.6
Z0.8mm
2.0
Z1.25 (1.5) mm
3.2
Z3.5mm, 3.3Z3.3mm
6.3
Z6.3mm
1.6
Z0.8mm
3.2
Z1.6mm
rCharacteristic . Applications
Mark
N
C
A
H
F
Characteristic .Applications
General use
Choke coil
Air coil
High Q
For DC power supply
line choke coil
tInductance
Example : 330µH/331
33nH/33N
33µH/330
3.3nH/3N3
3.3µH/3R3
0.33µH/R33
uAdditional Number
iPackaging Code
(LQG21N/21C/LQP10A/11A/
LQG10A/11A/LQW1608A)
yInductance Tolerance
Mark
G
J
K
M
N
B
C
S
D
Tolerance
T02%
T05%
T10%
T20%
T30%
T0.1nH
T0.2nH
T0.3nH
T0.5nH
Mark
T1
T2
B1
Packaging
Taped (
φ180mm Reel)
Taped (
φ330mm Reel)
Bulk package
Mark
H
N
S
P
G
W
Form .Structure
Wire wound with coating
Wire wound without coating
Wire wound with shielded core
Thin film
Multilayer
Horizontal wire wound


Similar Part No. - LQH4N270KJ04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43C MURATA-LQH43C Datasheet
54Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH43CN100K03 MURATA-LQH43CN100K03 Datasheet
54Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH43CN100K03 MURATA-LQH43CN100K03 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH43CN100K03 MURATA-LQH43CN100K03 Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results

Similar Description - LQH4N270KJ04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com