Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W92-X112-50 Datasheet(PDF) 3 Page - Tyco Electronics

Part # W92-X112-50
Description  Magnetic Hydraulic Circuit Breakers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W92-X112-50 Datasheet(HTML) 3 Page - Tyco Electronics

  W92-X112-50 Datasheet HTML 1Page - Tyco Electronics W92-X112-50 Datasheet HTML 2Page - Tyco Electronics W92-X112-50 Datasheet HTML 3Page - Tyco Electronics W92-X112-50 Datasheet HTML 4Page - Tyco Electronics W92-X112-50 Datasheet HTML 5Page - Tyco Electronics W92-X112-50 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ordering Information
W
67-
X2
Q
1
2- 20
Typical Part No.
B
W6 Series
1. Circuit Breaker Mounting:
W = #6-32 mounting threads.
M = M3.0 x 0.5 mounting threads.
X = Snap-in mounting. (Not available in rocker actuated models.)
2. Number of Poles:
67 = Single pole
68 = Two pole
69 = Three pole
70 = Four pole
3. Circuit Function: (Only X is VDE approved)
A = Series trip with auxiliary switch (.093” QC)
X = Series trip
4. Actuator: (One actuator per pole)
1 = Black toggle
3 = Black rocker
5 = Red rocker
9 = Red toggle
2 = White toggle
4 = White rocker
6 = Grey rocker
5. Termination:
Q = .250” QC (DIN 46 244) 25A Max. VDE
S = #8-32 screw
T = #10-32 screw
Note: “T” termination must be used for all ratings of 31 amps or above.
6. Maximum Line Voltage: (See Table 1 for current ranges)
UL/CSA
1 = 277VAC, 50/60 Hz.
VDE
1 = 250VAC, 415/240VAC
TYPES
2 = 277/480
TYPES
5 = 65VDC
3 = 250VAC, 400 Hz.
7 = AC/DC 250VAC, 415/240VAC, 65VDC
5 = 65VDC
(Delay curve 34 must be specified.)
7 = AC/DC 277VAC or 65VDC
(Delay curve 34 must be specified.)
7. Time Delay Curve:
0 = Instantaneous
10 = AC high inrush (Motor start)
Notes: Curves may be specified with increased pulse tolerance for 1/2 cycle by
2 = Standard delay
12 = AC high inrush version of #2
adding "P" after curve, See delay curve section for availability and details
.
3 = Short delay
13 = AC high inrush version of #3
53 = DC high inrush
34 = Combination AC/DC standard delay
8. Amp Rating:
0.20
0.50
1.0
2.0
3.0
4.0
6.0
7.5
9.0
11.0
15.0
25.0
35.0
45.0
Consult factory for
0.25
0.75
1.5
2.5
3.5
5.0
7.0
8.0
10.0
12.0
20.0
30.0
40.0
50.0
other values.
9. VDE Approval: (See Table 2 for auxiliary switch ratings)
Blank = UL/CSA approved breaker
V2 = VDE approved breaker with 5 amp VDE auxiliary switch
V = VDE approved breaker without auxiliary switch
V3 = VDE approved breaker with 0.1 amp VDE auxiliary switch
V1 = VDE approved breaker with 10 amp VDE auxiliary switch
Ordering Information
W
91- X
1
1
2-
20
Typical Part No.
B
1. Circuit Breaker Mounting:
W = #6-32 mounting threads.
M = M3.0 x 0.5 mounting threads.
2. Number of Poles:
91 = Single pole
92 = Two pole
93 = Three pole
94 = Four pole
3. Circuit Function: (Only X is VDE approved)
A = Series trip with auxiliary switch (.093” QC)
X = Series trip
4. Actuator: (One actuator per pole):
1 = Black toggle
2 = White toggle
5. Maximum Line Voltage: (See Table 1 for current ranges)
UL/CSA
1 = 277VAC, 50/60 Hz.
VDE
1 = 250VAC, 415/240VAC
TYPES
2 = 277/480
TYPES
5 = 65VDC
3 = 250VAC, 400 Hz.
7 = AC/DC 250VAC, 415/240VAC, 65VDC
5 = 65VDC
(Delay curve 34 must be specified.)
7 = AC/DC 277VAC or 65VDC
(Delay curve 34 must be specified.)
6. Time Delay Curve:
0 = Instantaneous
10 = AC high inrush (Motor start)
Notes: Curves may be specified with increased pulse tolerance for 1/2 cycle
2 = Standard delay
12 = AC high inrush version of #2
by adding "P" after curve. See delay curve section for availability and details.
3 = Short delay
13 = AC high inrush version of #3
53 = DC high inrush
34 = Combination AC/DC standard delay
7. Amp Rating:
0.20
0.75
2.0
3.5
6.0
8.0
11.0
20.0
35.0
50.0
0.25
1.0
2.5
4.0
7.0
9.0
12.0
25.0
40.0
Consult factory for other values
0.50
1.5
3.0
5.0
7.5
10.0
15.0
30.0
45.0
8. VDE Approval: (See Table 2 for auxiliary switch ratings)
Blank = UL/CSA approved breaker
V2 = VDE approved breaker with 5 amp VDE auxiliary switch
V = VDE approved breaker without auxiliary switch
V3 = VDE approved breaker with 0.1 amp VDE auxiliary switch
V1 = VDE approved breaker with 10 amp VDE auxiliary switch
W67-A2Q12-5
W67-A2Q12-10
W67-X2Q10-3
W67-X2Q10-5
W67-X2Q12-2
W67-X2Q12-3
W67-X2Q12-5
W67-X2Q12-7
W67-X2Q12-10
W67-X2Q12-15
W67-X2Q12-20
W67-X2Q12-30
W67-X2Q13-1
W67-X2Q13-2
W67-X2Q13-3
W67-X2Q13-10
W67-X2Q13-15
W67-X2Q13-20
W67-X2Q13-25
W67-X2Q13-30
W67-X2Q50-5
W67-X2Q50-10
W67-X2Q52-5
W67-X2Q52-10
W67-X2Q52-15
W67-X2Q52-20
W67-X2Q52-30
W67-X2Q110-15
W67-X2Q110-20
W68-X2Q12-3
W68-X2Q12-5
W68-X2Q12-7
W68-X2Q12-10
W68-X2Q12-15
W68-X2Q12-20
W68-X2Q12-25
W68-X2Q12-30
W68-X2Q13-15
W68-X2Q110-10
W68-X2Q110-20
W69-X2Q12-5
W69-X2Q12-10
W69-X2Q12-15
W69-X2Q12-20
W69-X2Q12-25
W69-X2Q12-30
W69-X2Q110-20
W69-X2Q110-30
Stock Items - We recommend that our authorized distributors stock the following items for immediate delivery.
W9 Series
W91-X112-1
W91-X112-2
W91-X112-3
W91-X112-5
W91-X112-7
W91-X112-10
W91-X112-15
W91-X112-20
W91-X112-40
W91-X112-50
W91-X113-5
W91-X113-10
W91-X113-15
W91-X150-5
W91-X152-10
W91-X152-15
W91-X152-20
W91-X152-30
W91-X152-40
W91-X152-50
W91-X1110-20
W92-X112-1
W92-X112-2
W92-X112-3
W92-X112-5
W92-X112-7
W92-X112-10
W92-X112-15
W92-X112-20
W92-X112-25
W92-X112-30
W92-X112-40
W92-X112-50
W92-X113-15
W92-X113-20
W92-X1110-20
W92-X1110-30
W93-X112-5
W93-X112-10
W93-X112-15
W93-X112-20
W93-X112-25
W93-X112-30
W93-X112-40
W93-X112-50
W93-X1110-20
W93-X1110-30
Stock Items - We recommend that our authorized distributors stock the following items for immediate delivery.


Similar Part No. - W92-X112-50

ManufacturerPart #DatasheetDescription
logo
Winbond
W921E400 WINBOND-W921E400 Datasheet
394Kb / 53P
   4-BIT MICROCONTROLLER
W921E400A WINBOND-W921E400A Datasheet
394Kb / 53P
   4-BIT MICROCONTROLLER
W921E840 WINBOND-W921E840 Datasheet
449Kb / 58P
   4-BIT MICROCONTROLLER
W921E840A WINBOND-W921E840A Datasheet
449Kb / 58P
   4-BIT MICROCONTROLLER
W921E843A WINBOND-W921E843A Datasheet
449Kb / 58P
   4-BIT MICROCONTROLLER
More results

Similar Description - W92-X112-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com