Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR-CR1220-1VB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # BR-CR1220-1VB
Description  Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

BR-CR1220-1VB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  BR-CR1220-1VB Datasheet HTML 1Page - Panasonic Semiconductor BR-CR1220-1VB Datasheet HTML 2Page - Panasonic Semiconductor BR-CR1220-1VB Datasheet HTML 3Page - Panasonic Semiconductor BR-CR1220-1VB Datasheet HTML 4Page - Panasonic Semiconductor BR-CR1220-1VB Datasheet HTML 5Page - Panasonic Semiconductor BR-CR1220-1VB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AUGUST 2003
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
DIMENSIONS / MM (INCH) cont.
Model No.
Dimensions/mm (inch)
BR2325/1HG
Model No.
Dimensions/mm (inch)
BR2325/1VG
BR2325/2HC
(2 cells in
series, 6V)
BR/CR2330/1HF
1HE
BR/CR2330/1GU
1GUF
BR/CR2330/1VC
1VB
BR/CR2330/1GVF
1GV
18
+
-
0.2(0.008)
2.5(0.10)
0.75(0.03)
20.5±1
(0.81±0.04)
0.75(0.03)
19
Insulation Wrap (yellow)
+
-
0.75(0.03)
5.5(0.22)
0.2
(0.008)
0.75(0.03)
20.5±1
(0.81±0.04)
+
0.72 ±
0.2
15.24 ±
0.2
7.62
23
− 0.5
0
<19.24>
0.2 ±
0.1
5.1 ±
0.1
0.72
4 ±
0.2
2.5
4
3.4 ±
0.3
±0.2
Pre-soldered
20
21
Insulation Wrap (yellow)
+
-
0.2
(0.008)
3.0(0.12)
20.5±0.5
(0.81±0.02)
1.8(0.07)
1.8(0.07)
22
+
-
0.75(0.03)
0.2(0.008)
17.8±05
(0.70±0.02)
3.0(0.12)
0.75(0.03)
23
Insulation Wrap (yellow)
11.45±0.5(0.45±0.02)
+
-
1.8
(0.07)
23.1(0.91)
3.725(0.15)
3.0(0.12)
4.0(0.16)
0.45
(0.018)
0.45
(0.018)
0.2(0.008)
3.9(0.15)
24
10.16±0.3
(0.40±0.01)
+
-
3.7(0.15)
0.75
(0.03)
0.2
(0.008)
0.75(0.03)
23(0.91)
3.0(0.12)
5.08±1
(0.20±0.04)
BR & CR Series Coin Cell Tab Configurations
BR2325/1HM
17
Insulation Wrap (yellow)
+
20.5±1
0.81±0.04)
2.5(0.10)
0.75(0.03)
0.2
(0.008)
0.75(0.03)


Similar Part No. - BR-CR1220-1VB

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
BR-C PANASONICBATTERY-BR-C Datasheet
385Kb / 1P
   Poly-carbonmonofluoride Lithium Batteries: Individual Specifications
logo
List of Unclassifed Man...
BR-C40 ETC-BR-C40 Datasheet
303Kb / 4P
   BR-C40# Class1, Class2, and Class3 Bluetooth짰 ver2.0
More results

Similar Description - BR-CR1220-1VB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2016 ETC-CR2016 Datasheet
269Kb / 1P
   Manganese Dioxide
CR2NP ETC2-CR2NP Datasheet
91Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-2 PANASONICBATTERY-CR-2 Datasheet
203Kb / 1P
   LITHIUM MANGANESE DIOXIDE
logo
Samsung semiconductor
TCSCS1E226MDAR SAMSUNG-TCSCS1E226MDAR Datasheet
301Kb / 8P
   Manganese Dioxide Type
TCSCS1A476KBAR SAMSUNG-TCSCS1A476KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
KECR2032-1 ETC2-KECR2032-1 Datasheet
39Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-AG PANASONICBATTERY-CR-AG Datasheet
210Kb / 1P
   LITHIUM MANGANESE DIOXIDE
logo
Samsung semiconductor
TCSCS1C106KBAR SAMSUNG-TCSCS1C106KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1A475KAAR SAMSUNG-TCSCS1A475KAAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
CRAA ETC2-CRAA Datasheet
94Kb / 1P
   Lithium Manganese Dioxide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com