Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2EL-X4MF2-L2M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2EL-X4MF2-L2M
Description  Cylindrical Proximity Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X4MF2-L2M Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2EL-X4MF2-L2M Datasheet HTML 1Page - Omron Electronics LLC E2EL-X4MF2-L2M Datasheet HTML 2Page - Omron Electronics LLC E2EL-X4MF2-L2M Datasheet HTML 3Page - Omron Electronics LLC E2EL-X4MF2-L2M Datasheet HTML 4Page - Omron Electronics LLC E2EL-X4MF2-L2M Datasheet HTML 5Page - Omron Electronics LLC E2EL-X4MF2-L2M Datasheet HTML 6Page - Omron Electronics LLC E2EL-X4MF2-L2M Datasheet HTML 7Page - Omron Electronics LLC E2EL-X4MF2-L2M Datasheet HTML 8Page - Omron Electronics LLC E2EL-X4MF2-L2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E2EL
E2EL
5
Engineering Data
Standardized characteristic for lateral approach
0
0,2
0,4
0,6
0,8
1
1,2
–1
–0,8
–0,6
–0,4
–0,2
0
0,2
0,4
0,6
0,8
1
lateral distance related to radius of ’active surface’ (r/ract)
standard target
axial
approach
lateral approach
off
’switch–on’ curve
’ switch–off’ curve
on
Output Circuit Diagram and Timing Chart
E2EL–XjEj
NPN Output
E2EL-XjFj
PNP Output
Main
circuit
Brown 1
Blue 3
Load
Black 4 (or 2)
Blue 3
Load
Black 4 (or 2)
Brown 1
0 V
Main
circuit
4,7 kΩ
4,7 kΩ
Sensing object
Yellow indicator
Control output
Yes
No
ON
OFF
Lit
Not lit
E2EL–XjEj
NPN Output
NO
NC
Sensing object
Yellow indicator
Control output
Yes
No
ON
OFF
Lit
Not lit
NO
NC
E2EL–XjFj
PNP Output


Similar Part No. - E2EL-X4MF2-L2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X4MF2-L OMRON-E2EL-X4MF2-L Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X4MF2-L2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com