Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH4N330K04 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # LQH4N330K04
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH4N330K04 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button LQH4N330K04 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH4N330K04 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH4N330K04 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQH4N330K04 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LQH4N330K04 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LQH4N330K04 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LQH4N330K04 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LQH4N330K04 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. LQH4N330K04 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
9
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
¡Inductance-Frequency Characteristics
!SPECIFICATIONS
!TYPICAL ELECTRICAL CHARACTERISTICS
¡Q-Frequency Characteristics
Part Number
LQG11N47NM00
LQG11N68NM00
LQG11N82NM00
LQG11NR10K00
LQG11NR12K00
LQG11NR15K00
LQG11NR18K00
LQG11NR22K00
LQG11NR27K00
LQG11NR33K00
LQG11NR39K00
LQG11NR47K00
LQG11NR56K00
LQG11NR68K00
LQG11NR82K00
LQG11N1R0K00
LQG11N1R2K00
LQG11N1R5K00
LQG11N1R8K00
LQG11N2R2K00
Inductance
Q
DC
Resistance
(
Ω max.)
Self-resonant
Frequency
(MHz min.)
Allowable
Current
(mA)
Operating
Temp. Range
Nominal
Value (nH)
Nominal
Value(min.)
Test Frequency
(MHz)
1047
1068
1082
1100
1120
1150
1180
1220
1270
1330
1390
1470
1560
1680
1820
1000
1200
1500
1800
2200
Tolerance
(%)
T20
T10
10
15
35
50
25
10
0.30
0.50
0.60
0.80
0.85
1.00
1.35
1.55
1.70
2.10
0.60
0.80
0.95
1.15
260
250
245
240
205
180
165
150
136
125
110
105
95
90
85
75
65
60
55
50
50
35
25
15
Y25 to W85D
0
20
40
60
80
Q
Frequency (MHz)
1
10
100
1000
47nH
820nH
2200nH
100nH
10000
1000
100
1
1
10
100
1000
2200nH
820nH
100nH
47nH
Frequency (MHz)
Measuring instrument Q : HP4291A+16192A
Measuring instrument L : HP4291A+16192A


Similar Part No. - LQH4N330K04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43C MURATA-LQH43C Datasheet
54Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH43CN100K03 MURATA-LQH43CN100K03 Datasheet
54Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH43CN100K03 MURATA-LQH43CN100K03 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH43CN100K03 MURATA-LQH43CN100K03 Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results

Similar Description - LQH4N330K04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com