Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBO40-40G Datasheet(PDF) 8 Page - STMicroelectronics

Part # RBO40-40G
Description  REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO40-40G Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RBO40-40G Datasheet HTML 4Page - STMicroelectronics RBO40-40G Datasheet HTML 5Page - STMicroelectronics RBO40-40G Datasheet HTML 6Page - STMicroelectronics RBO40-40G Datasheet HTML 7Page - STMicroelectronics RBO40-40G Datasheet HTML 8Page - STMicroelectronics RBO40-40G Datasheet HTML 9Page - STMicroelectronics RBO40-40G Datasheet HTML 10Page - STMicroelectronics RBO40-40G Datasheet HTML 11Page - STMicroelectronics RBO40-40G Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1E-3
1E-2
1E-1
1E+0
1E+1
0.1
0.2
0.5
1.0
Zth(j-c)/Rth(j-c)
tp (s)
Fig. 4 : Relative variation of thermal impedance
junction to case versus pulse duration.
0.1
0.2
0.5
1
2
5
10
20
50
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VFM(V)
Tj = 25
°°C
Tj = 150
°°C
IFM(A)
Fig. 5-1 : Peak forward voltage drop versus peak
forward current (typical values) - (TRANSIL T2).
0.1
0.2
0.5
2
1020
50100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VFM(V)
0.1
0.2
0.5
1
5
20
50
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Tj = 25
°°C
Tj = 150
°°C
IFM(A)
Fig. 5-2 : Peak forward voltage drop versus peak
forward current (typical values) - (DIODE D1).
ORDERING INFORMATION
RBO
40
-
40
M
Reversed Battery &
Overvoltage protection
IF(AV) =40 A
Package :
M = PowerSO-10
G= D
2PAK
T = TO220AB
VCL = 40V
Fig. 6 : Relative variation of leakage current
versus junction temperature.
®
RBO40-40G / RBO40-40M / RBO40-40T
8/15


Similar Part No. - RBO40-40G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO40-40G STMICROELECTRONICS-RBO40-40G Datasheet
267Kb / 10P
   REVERSED BATTERY AND OVERVOLTAGE PROTECTION
September 2003 - Ed:5
More results

Similar Description - RBO40-40G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO08-40G STMICROELECTRONICS-RBO08-40G Datasheet
154Kb / 14P
   REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com