Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2EL-X2E1-M1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2EL-X2E1-M1
Description  Cylindrical Proximity Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X2E1-M1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2EL-X2E1-M1 Datasheet HTML 1Page - Omron Electronics LLC E2EL-X2E1-M1 Datasheet HTML 2Page - Omron Electronics LLC E2EL-X2E1-M1 Datasheet HTML 3Page - Omron Electronics LLC E2EL-X2E1-M1 Datasheet HTML 4Page - Omron Electronics LLC E2EL-X2E1-M1 Datasheet HTML 5Page - Omron Electronics LLC E2EL-X2E1-M1 Datasheet HTML 6Page - Omron Electronics LLC E2EL-X2E1-M1 Datasheet HTML 7Page - Omron Electronics LLC E2EL-X2E1-M1 Datasheet HTML 8Page - Omron Electronics LLC E2EL-X2E1-M1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
E2EL
E2EL
3
J PLUG TYPES
Brass housing
Item
Part numbers
Diameter/
Connection
Length
Mounting
Sensing
Distance
Output
Diameter/
Connection
Length
Mounting
Sensing
Distance NPN / NO
NPN / NC
PNP / NO
PNP / NC
Æ6.5/Plug
M8
45 mm Shielded
1.5 mm
E2EL- C1R5E1- M3
E2EL- C1R5E2- M3
E2EL- C1R5F1- M3
E2EL- C1R5F2- M3
Æ6.5/Plug
M8
47 mm Non--shielded
2.0 mm
E2EL- C2ME1- M3
E2EL- C2ME2- M3
E2EL- C2MF1- M3
E2EL- C2MF2- M3
54 mm Shielded
1.5 mm
E2EL- C1R5E1- M3L
E2EL- C1R5E2- M3L
E2EL- C1R5F1- M3L
E2EL- C1R5F2- M3L
56 mm Non--shielded
2.0 mm
E2EL- C2ME1- M3L
E2EL- C2ME2- M3L
E2EL- C2MF1- M3L
E2EL- C2MF2- M3L
M8/Plug
M8
45 mm Shielded
1.5 mm
E2EL- X1R5E1- M3
E2EL- X1R5E2- M3
E2EL- X1R5F1- M3
E2EL- X1R5F2- M3
M8/Plug
M8
47 mm Non--shielded
2.0 mm
E2EL- X2ME1- M3
E2EL- X2ME2- M3
E2EL- X2MF1- M3
E2EL- X2MF2- M3
54 mm Shielded
1.5 mm
E2EL- X1R5E1- M3L
E2EL- X1R5E2- M3L
E2EL- X1R5F1- M3L
E2EL- X1R5F2- M3L
56 mm Non--shielded
2.0 mm
E2EL- X2ME1- M3L
E2EL- X2ME2- M3L
E2EL- X2MF1- M3L
E2EL- X2MF2- M3L
M8/Plug
M12
44 mm Shielded
1.5 mm
E2EL- X1R5E1- M1
E2EL- X1R5E2- M1
E2EL- X1R5F1- M1
E2EL- X1R5F2- M1
M8/Plug
M12
46 mm Non--shielded
2.0 mm
E2EL- X2ME1- M1
E2EL- X2ME2- M1
E2EL- X2MF1- M1
E2EL- X2MF2- M1
60 mm Shielded
1.5 mm
E2EL- X1R5E1- M1L
E2EL- X1R5E2- M1L
E2EL- X1R5F1- M1L
E2EL- X1R5F2- M1L
62 mm Non--shielded
2.0 mm
E2EL- X2ME1- M1L
E2EL- X2ME2- M1L
E2EL- X2MF1- M1L
E2EL- X2MF2- M1L
M12/Plug
M12
49 mm Shielded
2.0 mm
E2EL- X2E1- M1
E2EL- X2E2- M1
E2EL- X2F1- M1
E2EL- X2F2- M1
M12/Plug
M12
Shielded
4.0 mm
E2EL- X4E1- DM1
E2EL- X4E2- DM1
E2EL- X4F1- DM1
E2EL- X4F2- DM1
Non--shielded
4.0 mm
E2EL- X4ME1- M1
E2EL- X4ME2- M1
E2EL- X4MF1- M1
E2EL- X4MF2- M1
60 mm Shielded
2.0 mm
E2EL- X2E1- M1L
E2EL- X2E2- M1L
E2EL- X2F1- M1L
E2EL- X2F2- M1L
Shielded
4.0 mm
E2EL- X4E1- DM1L
E2EL- X4E2- DM1L
E2EL- X4F1- DM1L
E2EL- X4F2- DM1L
Non--shielded
4.0 mm
E2EL- X4ME1- M1L
E2EL- X4ME2- M1L
E2EL- X4MF1- M1L
E2EL- X4MF2- M1L
M18/Plug
M12
53 mm Shielded
5.0 mm
E2EL- X5E1- M1
E2EL- X5E2- M1
E2EL- X5F1- M1
E2EL- X5F2- M1
M18/Plug
M12
Shielded
8.0 mm
E2EL- X8E1- DM1
E2EL- X8E2- DM1
E2EL- X8F1- DM1
E2EL- X8F2- DM1
Non--shielded
8.0 mm
E2EL- X8ME1- M1
E2EL- X8ME2- M1
E2EL- X8MF1- M1
E2EL- X8MF2- M1
80 mm Shielded
5.0 mm
E2EL- X5E1- M1L
E2EL- X5E2- M1L
E2EL- X5F1- M1L
E2EL- X5F2- M1L
Shielded
8.0 mm
E2EL- X8E1- DM1L
E2EL- X8E2- DM1L
E2EL- X8F1- DM1L
E2EL- X8F2- DM1L
Non--shielded
8.0 mm
E2EL- X8ME1- M1L
E2EL- X8ME2- M1L
E2EL- X8MF1- M1L
E2EL- X8MF2- M1L
M30/Plug
M12
55 mm Shielded
10.0 mm E2EL- X10E1- M1
E2EL- X10E2- M1
E2EL- X10F1- M1
E2EL- X10F2- M1
M30/Plug
M12
Non--shielded
15.0 mm E2EL- X15ME1- M1
E2EL- X15ME2- M1
E2EL- X15MF1- M1
E2EL- X15MF2- M1
80 mm Shielded
10.0 mm E2EL- X10E1- M1L
E2EL- X10E2- M1L
E2EL- X10F1- M1L
E2EL- X10F2- M1L
Non--shielded
15.0 mm E2EL- X15ME1- M1L
E2EL- X15ME2- M1L
E2EL- X15MF1- M1L
E2EL- X15MF2- M1L
Stainless steel housing
Item
Part numbers
Diameter/
Connection
Length
Mounting Sensing
Distance
Output
Diameter/
Connection
Length
Mounting Sensing
Distance
NPN / NO
NPN / NC
PNP / NO
PNP / NC
M8/Plug
M8
54
mm
Shielded 2.0 mm
E2EL- X2E1- DM3SL
E2EL- X2E2- DM3SL
E2EL- X2F1- DM3SL
E2EL- X2F2- DM3SL
M12/Plug
M12
49
mm
Shielded 4.0 mm
E2EL- X4E1- DM1S
E2EL- X4E2- DM1S
E2EL- X4F1- DM1S
E2EL- X4F2- DM1S
M12
60
mm
Shielded 4.0 mm
E2EL- X4E1- DM1SL
E2EL- X4E2- DM1SL
E2EL- X4F1- DM1SL
E2EL- X4F2- DM1SL
M18/Plug
M12
53
mm
Shielded 8.0 mm
E2EL- X8E1- DM1S
E2EL- X8E2- DM1S
E2EL- X8F1- DM1S
E2EL- X8F2- DM1S
M12
80
mm
Shielded 8.0 mm
E2EL- X8E1- DM1SL
E2EL- X8E2- DM1SL
E2EL- X8F1- DM1SL
E2EL- X8F2- DM1SL


Similar Part No. - E2EL-X2E1-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X2E1-M1 OMRON-E2EL-X2E1-M1 Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
E2EL-X2E1-M1L OMRON-E2EL-X2E1-M1L Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X2E1-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com