Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM427 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AM427
Description  RATIOMETRISCHES TRANSMITTER-IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM427 Datasheet(HTML) 2 Page - Analog Microelectronics

  AM427 Datasheet HTML 1Page - Analog Microelectronics AM427 Datasheet HTML 2Page - Analog Microelectronics AM427 Datasheet HTML 3Page - Analog Microelectronics AM427 Datasheet HTML 4Page - Analog Microelectronics AM427 Datasheet HTML 5Page - Analog Microelectronics AM427 Datasheet HTML 6Page - Analog Microelectronics AM427 Datasheet HTML 7Page - Analog Microelectronics AM427 Datasheet HTML 8Page - Analog Microelectronics AM427 Datasheet HTML 9Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RATIOMETRISCHES TRANSMITTER–IC
AM427
analog microelectronics
April 99
2/9
ELEKTRISCHE SPEZIFIKATIONEN
Tamb = 25°C, VCC = 5V (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Range (Ratio Range)
VCC
4.75
5
5.25
V
Maximum Supply Voltage
VCCmax
6V
Quiescent Current
ICC
RRB = 500
Ω, IIB = 1mA
6.2
mA
Temperature Specifications
Operating
Tamb
–40
100
°C
Storage
Tst
–55
125
°C
Junction
TJ
150
°C
Thermal Resistance
Θja
DIL16 plastic package
70
°C/W
Θja
SO16 narrow plastic package
140
°C/W
Over Voltage Switch Off
Input Voltage Range
VV+
4.75
27
V
Threshold Voltage
VV+THRESH
10
15
V
Input Current
IV+
IV+
V+ = 5V
V+ = 27V
45
310
80
550
140
820
µA
µA
Output Current
IIP
IIP
V+ = 5V
V+ = 27V
0.87
1.35
2.1
50
mA
nA
Ratiometric Current Source – Transducer
Sense Voltage Range
VVIB
527
V
Internal Sense Voltage
VRB
ratiometric with VIB, VVIB = 5V
0.5
V
Output Current Range
IIB
0.50
1.25
mA
Output Current
IIB
ratiometric with VIB,
RRB = 500
Ω, VVIB = 5V
0.98
1
1.02
mA
Ratiometric Error
RAT@IB
VVIB = 5.25V, VCC = 5V,
RAT@IB = 1.05 VRB (VVIB = 5V)
– VRB (VVIB = 5.25V)
±1
mV
IRB vs. Temperature
dIRB/dTIIB = 1mA
±20
ppm/°C
Output Voltage Range
VIB
IIB = 1.25mA
1.5
VCC–0.5V
V
Output Resistance
RIB
IIB = 1mA, RIB =
∆UIB/∆IIB,
VVIB = 5V, IIB = 1mA
1.5
4.5
M
Power Supply Rejection Ratio
∆IIB
∆VCC = 4.75V – 5.25V,
VVIB = 5V, IIB = 1mA
76
90
dB
Instrumentation Amplifier
Input Voltage Range
VIN+;–
1.5
VCC–2V
V
Internal Gain
GIA
VIN– = 2V,
∆VIN = 200mV
GIA =
∆VVIA/∆VIN
9.8
10.0
10.2
Common Mode Rejection Ratio
CMRR
80
90
dB
Power Supply Rejection Ratio
PSRR
74
80
dB
Offset Voltage
VOS
±3
mV
VOS vs. Temperature
dVOS/dT
±10
µV/°C
Input Bias Current
IB
VIN = 2V
25
75
nA
Output Voltage Range
VVIA
0
VCC–2V
V
Output Resistance
ROUT
20
k
Nonlinearity
∆VIN = 200mV, ideal input
0.1
% FS
Voltage Output Stage
Adjustable Gain
GOUT
211
Input Voltage Range
VVR
0
VCC–2.5V
V
Power Supply Rejection Ratio
PSSR
–72
–90
dB


Similar Part No. - AM427

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results

Similar Description - AM427

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AM411 MINI-AM411 Datasheet
71Kb / 6P
   VOLTAGE TRANSMITTER IC
logo
Toshiba Semiconductor
TA8136S TOSHIBA-TA8136S Datasheet
157Kb / 5P
   RADIO CONTROL TRANSMITTER IC
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
   Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
   Wireless Power Transmitter IC
logo
Sanyo Semicon Device
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
   Infrared Remote Control Transmitter IC
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
   Infrared Remote Control Transmitter IC
logo
ATMEL Corporation
ATA5749C ATMEL-ATA5749C_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Silicon Storage Technol...
SSTX4915 SST-SSTX4915 Datasheet
556Kb / 9P
   LOW POWER ASK TRANSMITTER IC
logo
List of Unclassifed Man...
SAA1250 ETC-SAA1250 Datasheet
1,023Kb / 9P
   Infrared Remote-Control Transmitter IC
logo
RF Micro Devices
RF2423 RFMD-RF2423 Datasheet
67Kb / 8P
   100mW SPREAD-SPECTRUM TRANSMITTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com