Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6041A4RHBRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA6041A4RHBRG4
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6041A4RHBRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6041A4RHBRG4 Datasheet HTML 2Page - Texas Instruments TPA6041A4RHBRG4 Datasheet HTML 3Page - Texas Instruments TPA6041A4RHBRG4 Datasheet HTML 4Page - Texas Instruments TPA6041A4RHBRG4 Datasheet HTML 5Page - Texas Instruments TPA6041A4RHBRG4 Datasheet HTML 6Page - Texas Instruments TPA6041A4RHBRG4 Datasheet HTML 7Page - Texas Instruments TPA6041A4RHBRG4 Datasheet HTML 8Page - Texas Instruments TPA6041A4RHBRG4 Datasheet HTML 9Page - Texas Instruments TPA6041A4RHBRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
HEADPHONE AMPLIFIER DC ELECTRICAL CHARACTERISTICS
HEADPHONE AMPLIFIER AC CHARACTERISTICS
LDO CHARACTERISTICS
TPA6041A4
SLOS542 – AUGUST 2007
TA = 25°C, HPVDD = CPVDD = VDD = 5 V, RL = 16 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOS |
Output offset voltage
Inputs grounded
1
3
mV
PSRR
Power supply rejection ratio
HPVDD = 4.5 V to 5.5 V
–75
–100
dB
TA = 25°C, HPVDD = 5 V, RL = 16 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N = 10%, RL = 16 Ω, f = 1 kHz
200
PO
Output power (outputs in phase)
mW
THD+N = 10%, RL = 32 Ω, f = 1 kHz
100
PO = 85 mW, f = 20 Hz to 20 kHz,
0.03%
RL = 16 Ω
THD+N
Total harmonic distortion plus noise
PO = 50 mW, f = 20 Hz to 20 kHz,
0.04%
RL = 32 Ω
Dynamic Range with Signal Present
A-Weighted, f = 20 Hz to 20 kHz
–100
dB FS
kSVR
Supply ripple rejection ratio
f = 1 kHz, 200-mVPP ripple
-60
dB
Crosstalk
Po = 35 mW, f = 20 Hz to 20 kHz
-80
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N 1%, f = 1 kHz
95
dB
Vn
Noise output voltage
f = 20 Hz to 20 kHz, No weighting
20
μVrms
ZI
Input Impedance
15
20
k
Gain
Closed-loop voltage gain
RL = 16 Ω
–1.45
–1.5
–1.55
V/V
Start-up time from shutdown
5
ms
TA = 25°C, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage
VDD
4.5
5.5
V
IO
Continuous output current
120
mA
VO
Output voltage
0 < IO < 120 mA; 4.9 V < Vin < 5.5 V
3.2
3.3
3.4
V
Line regulation
IL = 5 mA; 4.9 V < Vin < 5.5 V
1.8
10
mV
Load regulation
IL = 0 – 120 mA, Vin = 5 V
0.13
0.23
mV/ mA
Power supply ripple rejection
VDD = 4.9 V, IL = 10 mA
f = 100 Hz
-46
dB
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA6041A4


Similar Part No. - TPA6041A4RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI1-TPA6041A4 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
More results

Similar Description - TPA6041A4RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6045A4C TI-TPA6045A4C Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com