Part Name
         Description
STI30NM60ND

 N-channel 600V - 0.11Ω - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh™ II Power MOSFET (with fast diode) ( 15 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
 10 page
background image
Package mechanical data
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
10/15
DIM.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
A1
2.40
2.72
0.094
0.107
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c
0.49
0.70
0.019
0.027
c2
1.23
1.32
0.048
0.052
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
E
10
10.40
0.393
0.410
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L2
1.27
1.40
0.050
0.055
TO-262 (I2PAK) mechanical data



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STB11NM60FDN-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET with fast diode 1 2 3 4 5 MoreSTMicroelectronics
STF20NM50DN-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh™ Power MOSFET with FAST DIODE 1 2 3 4 5 MoreSTMicroelectronics
STW55NM60NDN-channel 600 V - 0.047 Ω - 51 A TO-247 FDmesh™ II Power MOSFET with fast diode 1 2 3 4 5 MoreSTMicroelectronics
STB8NM60DN-CHANNEL 600V - 0.9Ω - 8A - TO-220/D2PAK Fast Diode MDmesh™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD4NK50ZDN-channel 500V - 2.4Ω - 3A - TO-220 - TO-220FP- DPAK - IPAK Fast diode SuperMESH™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
NTLJF3118NPower MOSFET and Schottky Diode 20 V 4.6 A uCool N-Channel with 2.0 A Schottky Barrier Diode 2x2 mm WDFN Package 1 2 3 4 5 MoreON Semiconductor
IXFK48N60PPolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode 1 2 3 4 IXYS Corporation
40N60SCD1_03CoolMOS Power MOSFET with Series Schottky Diode and Ultra Fast Antiparallel Diode in High Voltage ISOPLUS i4-PACTM 1 2 IXYS Corporation
STB20NM60DN-channel 600V - 0.26Ω - 20A - D2PAK FDmesh™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD2HNK60ZN-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl