Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V29C31001T-90J Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # V29C31001T-90J
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C31001T-90J Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button V29C31001T-90J Datasheet HTML 7Page - Mosel Vitelic, Corp V29C31001T-90J Datasheet HTML 8Page - Mosel Vitelic, Corp V29C31001T-90J Datasheet HTML 9Page - Mosel Vitelic, Corp V29C31001T-90J Datasheet HTML 10Page - Mosel Vitelic, Corp V29C31001T-90J Datasheet HTML 11Page - Mosel Vitelic, Corp V29C31001T-90J Datasheet HTML 12Page - Mosel Vitelic, Corp V29C31001T-90J Datasheet HTML 13Page - Mosel Vitelic, Corp V29C31001T-90J Datasheet HTML 14Page - Mosel Vitelic, Corp V29C31001T-90J Datasheet HTML 15Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
V29C51001T/V29C51001B Rev. 0.8 October 2000
MOSEL VITELIC
V29C51001T/V29C51001B
Boot Block Protection
The V29C51001T/V29C51001B features
hardware Boot Block Protection. The boot block
sector protection is enabled when high voltage
(12.5V) is applied to OE and A9 pins with CE pin
LOW and WE pin lOW. The sector protection is
desabled when high voltage is applied to OE, CE
and A9 pins with WE pin LOW. Other pins can be
HIGH or LOW. This is shown in table 1.
Autoselect
The V29C51001T/V29C51001B features an
Autoselect mode to identify the Boot Block
(protected/unprotected), the Device (Top/Bottom),
and the manufacturer ID.
To get to the Autoselect mode, a high voltage
(VH) must be applied to the A9 pin. Once the A9
signal is returned to LOW or HIGH, the device will
return to the previous mode.
Boot Block Protection Status
In Autoselect mode, performing a read at
address XXX2H will indicate if the Top Boot Block
sector or the Bottom Boot Block sector is locked
out. If the data is 01H, the Top/Bottom Boot Block is
protected. If the data is 00H, the Top/Bottom Boot
Block is unprotected. (see Table 3.)
Device ID
In Autoselect mode, performing a read at
address XXX1H will determine whether the device
is a Top Boot Block device or a Bottom Boot Block
device. If the data is 01H, the device is a Top Boot
Block. If the data is A1H, the device is a Bottom
Boot Block device (see Table 3).
In addition, the device ID can also be read via the
command register when the device is erased or
programmed in a system without applying high
voltage to the A9 pin. When A0 is HIGH, the device
ID is presented at the outputs.
Manufacturer ID
In Autoselect mode, performing a read at
address. XXXX0H will determine the manufacturer
ID. 40H is the manufacturer code for Mosel Vitelic
Flash.
In addition the manufacturer ID can also be read
via the command register when the device is
erased or programmed in a system without
applying high voltage to the A9 pin. when A0 is
LOW, the manufacturer ID is presented at the
outputs.
Hardware Data Protection
VCC Sense Protection: the program operation is
inhibited when VCC is less than 2.5V.
Noise Protection: a CE or WE pulse of less than
5ns will not initiate a program cycle.
Program Inhibit Protection: holding any one of
OE LOW, CE HIGH or WE HIGH inhibits a program
cycle.
Table 3. Autoselect Decoding
NOTE:
1.
X = Don’t Care, VIH = HIGH, VIL = LOW.
Decoding Mode
Boot Block
Address
Data I/O0–I/O7
A0
A1
A2–A13
A14–A16
Boot Block Protection
Top
VIL
VIH
X
X
01H: protected
Bottom
VIL
VIH
X
X
00H: unprotected
Device ID
Top
VIH
VIL
X
X
01H
Bottom
A1H
Manufacture ID
VIL
VIL
X
X
40H


Similar Part No. - V29C31001T-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C31004B MOSEL-V29C31004B Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C31001T-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com