Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMG-C110 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMG-C110
Description  Surface Mount Chip LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMG-C110 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMG-C110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMG-C110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMG-C110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMG-C110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMG-C110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMG-C110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMG-C110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMG-C110 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings at TA=25°C for HER, Orange, Yellow and Green
Parameter
HSMx-C150
HSMx-C170
HSMx-C190
HSMx-C110
Units
DC Forward Current[1]
25
20
20
25
mA
Peak Pulsing Current[2]
100
100
100
100
mA
Power Dissipation
65
52
52
65
mW
Reverse Voltage (IR=100 µA)
5555
V
LED Junction Temperature
95
95
95
95
°C
Operating Temperature Range
-30 to +85
-30 to +85
-30 to +85
-30 to +85
°C
Storage Temperature Range
-40 to +85
-40 to +85
-40 to +85
-40 to +85
°C
Soldering Temperature
See IR soldering profile (Figure 7)
Absolute Maximum Ratings at TA=25°C for AS AlGaAs Red
Parameter
HSMx-C150
HSMx-C170
HSMx-C190
HSMx-C110
Units
DC Forward Current[1]
30
25
25
30
mA
Peak Pulsing Current[2]
100
100
100
100
mA
Power Dissipation
78
65
65
78
mW
Reverse Voltage (IR=100µA)
5555
V
LED Junction Temperature
95
95
95
95
°C
Operating Temperature Range
-30 to +85
-30 to +85
-30 to +85
-30 to +85
°C
Storage Temperature Range
-40 to +85
-40 to +85
-40 to +85
-40 to +85
°C
Soldering Temperature
See IR soldering profile (Figure 7)
Notes:
1. Derate linearly as shown in Figure 4 for temperature above 25
°C.
2. Pulse condition of 1/10 duty and 0.1 msec. width.
Electrical Characteristics at TA=25°C
Reverse
Capacitance
Forward Voltage
Breakdown
C(pF),
Thermal
Part Number
Color
VF(Volts)
VR(Volts)
@ VF = 0 V,
Resistance
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
R
θ
J-P (°C/W)
Typ.
Max.
Min.
Typ.
Typ.
HSMS-C150/110
HER
2.1
2.6
5
5
400
HSMS-C170/190
250
HSMD-C150/110
Orange
2.2
2.6
5
7
400
HSMD-C170/190
250
HSMY-C150/110
Yellow
2.1
2.6
5
6
400
HSMY-C170/190
250
HSMG-C150/110
Green
2.2
2.6
5
9
400
HSMG-C170/190
250
HSMH-C150/110
AlGaAs
1.8
2.6
5
18
460
HSMH-C170/190
300


Similar Part No. - HSMG-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMG-C110 HP-HSMG-C110 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results

Similar Description - HSMG-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com