Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FL401
Description  Single Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FL401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FL401 Datasheet HTML 1Page - List of Unclassifed Manufacturers FL401 Datasheet HTML 2Page - List of Unclassifed Manufacturers FL401 Datasheet HTML 3Page - List of Unclassifed Manufacturers FL401 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FL400 Series
Single Phase Bridge Rectifiers
Features:
•• In-line miniature single phase silicon bridge.
•• Surge overload rating: 200 Amperes peak.
•• Ideal for printed circuit board.
•• Reliable low cost construction utilizing moulded plastic technique.
Mechanical Data:
Terminals
: Lead solderable per MIL-STD-202,
Method 208.
Mounting position
: Any.
Weight
: 0.2 ounce, 5.6 grams.
Parameter
FL401
FL402
FL406
Units
Maximum recurrent peak reverse voltage
100
200
600
V
Maximum RMS bridge input voltage
70
140
420
Maximum DC blocking voltage
100
200
600
Maximum average rectified output current at 50°C ambient
4.0
A
Peak one cycle surge overload current
200
Maximum forward voltage drop per bridge element at 4.0A dc
1.1
V
Maximum (Total bridge) reverse leakage at rated DC blocking
voltage
10.0
µA
Page 1
31/05/05 V1.0
FL
Dimensions : Inches (Millimetres)


Similar Part No. - FL401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FL401 PANJIT-FL401 Datasheet
48Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Transys Electronics
FL401 TRSYS-FL401 Datasheet
135Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Pan Jit International I...
FL401 PANJIT-FL401 Datasheet
56Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - FL401

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
   Single Phase Bridge Rectifiers
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com