Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W69-X1S3-20 Datasheet(PDF) 2 Page - Tyco Electronics

Part # W69-X1S3-20
Description  Magnetic Hydraulic Circuit Breakers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W69-X1S3-20 Datasheet(HTML) 2 Page - Tyco Electronics

  W69-X1S3-20 Datasheet HTML 1Page - Tyco Electronics W69-X1S3-20 Datasheet HTML 2Page - Tyco Electronics W69-X1S3-20 Datasheet HTML 3Page - Tyco Electronics W69-X1S3-20 Datasheet HTML 4Page - Tyco Electronics W69-X1S3-20 Datasheet HTML 5Page - Tyco Electronics W69-X1S3-20 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Time vs. Current Trip Curves For W6 Series and W9 Series
Note:
For instantaneous curves for all voltages refer to Curve 0 Non-Time Delay under the AC 50/60 Hz. heading.
Pulse tolerance is defined as a single pulse of a half sine
wave (1/2 cycle or 8 milliseconds) that will not trip the
breaker. An inertia wheel for increased pulse tolerance is
available by specifying “P” after the time delay curve
number in the ordering information. The table at right lists
pulse tolerance values of standard and inertia delay models.
AC 50/60 Hz.
DC
AC/DC
AC 400 Hz.
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 0 NON-TIME DELAY
OVERLOAD @ 50/60 Hz. & DC
@ 400 Hz.
125%
100 ms max.
May Trip
150%
55 ms max.
100 ms max.
200%
30 ms max.
30 ms max.
400%
15 ms max.
15 ms max.
600%
12 ms max.
12 ms max.
800%
12 ms max.
12 ms max.
TRIP TIMES
400 Hz.
DC & 50/60 Hz.
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 2 AC VOLTAGE 50/60 Hz.
OVERLOAD TRIPTIMES
(SEC.)
125%
10 - 150
200%
2.2 - 20
400%
.2 - 2
600%
.03 - .75
800%
.007 - .15
1000%
.005 - .04
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 2 DC VOLTAGE
OVERLOAD TRIPTIMES
(SEC.)
125%
2 - 55
200%
.60 - 8
400%
.1 - 1.5
600%
.02 - .5
800%
.004 - .05
1000%
.004 - .025
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
MOTOR START
CURVE 10 HIGH INRUSH 50/60 Hz. AC
OVERLOAD TRIPTIMES
(SEC.)
125%
40 - 500
200%
9 - 100
400%
2 - 20
600%
.8 - 10
800%
.1 - 4.5
1000%
.009 - 2
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 12 HIGH INRUSH 50/60 Hz.
125%
10 - 150
200%
3 - 25
400%
.5 - 2.5
600%
.15 - 1
800%
.015 - .7
1000%
.009 - .35
OVERLOAD TRIPTIMES
(SEC.)
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 3 DC VOLTAGE
OVERLOAD TRIPTIMES
(SEC.)
125%
.6 - 7
200%
.16 - 1.5
400%
.03 - .25
600%
.01 - .13
800%
.004 - .05
1000%
.003 - .015
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 2 AC VOLTAGE 400 Hz.
OVERLOAD TRIPTIMES
(SEC.)
150%
5 - 60
200%
2.2 - 20
400%
.3 - 3.2
600%
.01 - .17
800%
.006 - .06
1000%
.005 - .045
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 34 DC, 50/60 Hz. STANDARD DELAY
OVERLOAD TRIPTIMES
(SEC.)
135%
1 - 90
200%
.60 - 20
400%
.095 - 2
600%
.02 - .95
800%
.002 - .45
1000%
.002 - .09
135
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 13 HIGH INRUSH 50/60 Hz.
OVERLOAD TRIPTIMES
(SEC.)
125%
.8 - 30
200%
.15 - 2.5
400%
.03 - .3
600%
.02 - .15
800%
.009 - .12
1000%
.009 - .09
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 3 AC VOLTAGE 50/60 Hz.
OVERLOAD TRIPTIMES
(SEC.)
125%
1 - 15
200%
.15 - 1.5
400%
.03 - .25
600%
.007 - .15
800%
.003 - .08
1000%
.003 - .04
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 3 AC VOLTAGE 400 Hz.
OVERLOAD TRIPTIMES
(SEC.)
150%
.55 - 5.5
200%
.18 - 2
400%
.02 - .2
600%
.006 - .075
800%
.004 - .05
1000%
.004 - .035
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 53 DC HIGH INRUSH
OVERLOAD TRIPTIMES
(SEC.)
125%
80 - 700
200%
15 - 150
400%
2 - 20
600%
.70 - 10
800%
.10 - 3
1000%
.01 - .1
Pulse Tolerance Specifications
Pulse Tolerance Value
Time
Delay
Inertia
Voltage
Curve
Standard
Delay
27.5
18
AC
3
6
18
50/60 Hz.
10
18
30
12
18
30
13
18
30
AC
2
6.5
18
400 Hz.
3
5.5
18
To determine pulse tolerance multiply breaker rating by value in table. For
example, a 2A breaker with time delay curve 3 has a standard pulse tolerance
of 12A (2A x 6). The same breaker with an inertia delay has a pulse tolerance
of 36A (2A x 18).


Similar Description - W69-X1S3-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com