Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD5XX Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD5XX
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD5XX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD5XX Datasheet HTML 5Page - STMicroelectronics PSD5XX Datasheet HTML 6Page - STMicroelectronics PSD5XX Datasheet HTML 7Page - STMicroelectronics PSD5XX Datasheet HTML 8Page - STMicroelectronics PSD5XX Datasheet HTML 9Page - STMicroelectronics PSD5XX Datasheet HTML 10Page - STMicroelectronics PSD5XX Datasheet HTML 11Page - STMicroelectronics PSD5XX Datasheet HTML 12Page - STMicroelectronics PSD5XX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
PSD5XX Family
6
Upon each address or logic input change to the PSD, the device powers up from low power
standby for a short time. Then the PSD consumes only the necessary power to deliver new
logic or memory data to its outputs as a response to the input change. After the new
outputs are stable, the PSD latches them and automatically reverts back to standby mode.
The ICC current flowing during standby mode and during DC operation is identical.
The PSD automatically reduces its DC current drain to these low levels and does not
require controlling by the CSI (Chip Select) input. Disabling the CSI pin unconditionally
forces the PSD to standby mode independent of other input transitions.
The only significant power consumption in the PSD occurs during AC operation.
The PSD contains the first architecture to apply Zero-power techniques to memory circuit
blocks as well as logic.
Figure 2 compares PSD Zero-power operation to the operation of a discrete solution.
A standard microcontroller (MCU) bus cycle usually starts with an ALE (or AS) pulse and
the generation of an address. The PSD detects the address transition and powers up for a
short time. The PSD then latches the outputs of the PAD, EPROM and SRAM to the new
values. After finishing these operations, the PSD shuts off its internal power, entering
standby mode. The time taken for the entire cycle is less than the PSD’s “access time.”
The PSD will stay in standby mode if the inputs do not change between bus cycles. In an
alternate system implementation using discrete EPROM, SRAM and other discrete
components, the system will consume operating power during the entire bus cycle. This is
because the chip select inputs on the memory devices are usually active throughout the
entire cycle. The AC power consumption of the PSD may be calculated using the composite
frequency of the MCU address and control inputs, as well as any other logic inputs to the
ZPLD.
NOTE: The ZPSD5XX parts have been rated for a lower standby current (ISB) than the
PSD5XX parts.
5.0
Integrated
Power
Management TM
Operation
ALE
DISCRETE EPROM, SRAM & LOGIC
ADDRESS
EPROM
ACCESS
SRAM
ACCESS
EPROM
ACCESS
ICC
ZPSD
ZPSD
ZPSD
TIME
Figure 2. ZPSD Power Operation vs. Discrete Implementation


Similar Part No. - PSD5XX

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD50 POWERSEM-PSD50 Datasheet
122Kb / 1P
   Three Phase Rectifier Bridges
logo
Leshan Radio Company
PSD5004 LRC-PSD5004 Datasheet
439Kb / 3P
   High Current Glass Passivated Molding Three -Phase Bridge Rectifier Reverse Voltage 800 to 1600V Forward Current 50A
PSD5008 LRC-PSD5008 Datasheet
439Kb / 3P
   High Current Glass Passivated Molding Three -Phase Bridge Rectifier Reverse Voltage 800 to 1600V Forward Current 50A
logo
PACELEADER INDUSTRIAL
PSD500H PACELEADER-PSD500H Datasheet
268Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
PSD5012 LRC-PSD5012 Datasheet
439Kb / 3P
   High Current Glass Passivated Molding Three -Phase Bridge Rectifier Reverse Voltage 800 to 1600V Forward Current 50A
More results

Similar Description - PSD5XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD312B-70J STMICROELECTRONICS-PSD312B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com