Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4XX Datasheet(PDF) 5 Page - STMicroelectronics

Part # PSD4XX
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4XX Datasheet(HTML) 5 Page - STMicroelectronics

  PSD4XX Datasheet HTML 1Page - STMicroelectronics PSD4XX Datasheet HTML 2Page - STMicroelectronics PSD4XX Datasheet HTML 3Page - STMicroelectronics PSD4XX Datasheet HTML 4Page - STMicroelectronics PSD4XX Datasheet HTML 5Page - STMicroelectronics PSD4XX Datasheet HTML 6Page - STMicroelectronics PSD4XX Datasheet HTML 7Page - STMicroelectronics PSD4XX Datasheet HTML 8Page - STMicroelectronics PSD4XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 123 page
background image
PSD4XX Family
2
1.0
Introduction
(cont.)
The PSD4XX has 40 I/O pins that are divided among 5 ports. Each I/O pin can be
individually configured to provide many functions, including the following:
MCU I/O
GPLD I/O
Latched address output (for MCUs with multiplexed data bus)
Data bus (for MCUs with non-multiplexed data bus).
The PSD4XX can easily interface with virtually any 8- or 16-bit microcontroller with a
multiplexed or non-multiplexed bus. All of the MCU control signals are connected to the
ZPLDs, enabling the user to generate signals for external devices.
The PSD4XX provides between 256 Kbits and 1 Mbit of EPROM that is divided in to four
equal-sized blocks. Each block can occupy a different address location, allowing for
versatile address mapping. The access time of the EPROM includes the address latching
and DPLD decoding.
The PSD4XX has an optional 16 Kbit SRAM that can be battery-backed by connecting a
battery to the Vstby pin. The battery will protect the contents of the SRAM in the event of a
power failure. Therefore, you can place data in the SRAM that you want to keep after the
power is switched off. Power switchover to the battery automatically occurs when VCC drops
below Vstby.
A four-bit Page Register enables easy access to the I/O section, EPROM, and SRAM for
microcontrollers with limited address space. The Page Register outputs are connected to
both ZPLDs and thus can also be used for external paging schemes.
The Power Management Unit (PMU) of the PSD4XX enables the user to control the
power consumption on selected functional blocks, based on system requirements.
For microcontrollers that do not generate a chip select input for the PSD, the Automatic
Power-Down (APD) unit of the PMU can be setup to enable the PSD to enter Power Down
Mode or Sleep Mode, based on the inactivity of ALE (or AS).
Implementing your design has never been easier than with PSDsoft—ST’s software
development suite. Using PSDsoft, you can do the following:
Configure your PSD4XX to work with virtually any microcontroller
Specify what you want implemented in the programmable logic using a design file
Simulate your design
Download your design to the part using a programmer.
2.0
Key Features
t Single-chip programmable peripheral for microcontroller-based applications
t 256K to 1 Mbit of UV EPROM with the following features:
Configurable as 32, 64, or 128 K x 8; or as 16, 32, or 64 K x 16
Divided into four equally-sized mappable blocks for optimized address mapping
As fast as 70 ns access time, which includes address decoding
Built-in Zero-power technology
t 16 Kbit SRAM is configurable as 2K x 8 or 1K x 16. The access time can be as
quick as 70 ns, including address decoding. The contents of the SRAM can be
battery-backed by connecting a battery to the Vstby pin. The SRAM also has built-in
Zero-power technology.
t 40 I/O pins (divided into five 8-bit ports) that can be individually configured for:
Standard MCU I/O
PLD/macrocell I/O
Latched address output
High-order address inputs
Special function I/O
Open-drain output


Similar Part No. - PSD4XX

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PSD400 PACELEADER-PSD400 Datasheet
160Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Teledyne Technologies I...
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
   Surface Mount Analog Level Detector
logo
Powersem GmbH
PSD41 POWERSEM-PSD41 Datasheet
160Kb / 2P
   Three Phase Rectifier Bridges
logo
PACELEADER INDUSTRIAL
PSD411 PACELEADER-PSD411 Datasheet
160Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
STMicroelectronics
PSD4135F1-12B81 STMICROELECTRONICS-PSD4135F1-12B81 Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
More results

Similar Description - PSD4XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD312B-70J STMICROELECTRONICS-PSD312B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com