Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8790AETP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8790AETP
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790AETP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8790AETP Datasheet HTML 7Page - Maxim Integrated Products MAX8790AETP Datasheet HTML 8Page - Maxim Integrated Products MAX8790AETP Datasheet HTML 9Page - Maxim Integrated Products MAX8790AETP Datasheet HTML 10Page - Maxim Integrated Products MAX8790AETP Datasheet HTML 11Page - Maxim Integrated Products MAX8790AETP Datasheet HTML 12Page - Maxim Integrated Products MAX8790AETP Datasheet HTML 13Page - Maxim Integrated Products MAX8790AETP Datasheet HTML 14Page - Maxim Integrated Products MAX8790AETP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
______________________________________________________________________________________
11
5V LINEAR
REGULATOR
OSCILLATOR
SLOPE
COMPENSATION
CLOCK
FB OVERVOLTAGE
COMPARATOR
ERROR
COMPARATOR
OUTPUT OVERVOLTAGE
COMPARATOR
OV
EXT
CS
ERROR
AMPLIFIER
CURRENT SOURCE
IN
FB1
GND
N
FB2
65ms TIMER
SHUTDOWN
LATCH
CONTROL AND
DRIVER LOGIC
CURRENT SENSE
HVC
FB6
FB5
FB4
FB3
FB2
LVC
TRI-LEVEL
COMPARATOR
gm
EN
VCC
OSC
REF ADJ
CLK
REF
VCC - 0.4V
VCC + 0.6V
1.25V
ISET
PLL
8
8
5 LSBs
5 MSBs
CPLL
BRT
ENA
OSC
256 x fBRT
DIGITAL
COMPARATOR
8-BIT
LATCH
8-BIT DAC
SAT
DIGITAL CONTROL
CURRENT SOURCE
8-BIT
COUNTER
FSET
CCV
VCC
SHDN
FB3
CURRENT SOURCE
FB4
CURRENT SOURCE
FB5
CURRENT SOURCE
FB6
CURRENT SOURCE
8
10
Ω
Figure 2. Control Circuit Block Diagram


Similar Part No. - MAX8790AETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8790AEVKIT MAXIM-MAX8790AEVKIT Datasheet
177Kb / 11P
   MAX8790A Evaluation Kit
Rev 1; 3/08
More results

Similar Description - MAX8790AETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8790 MAXIM-MAX8790 Datasheet
456Kb / 24P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 11/06
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
   8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Rohm
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com