Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

335L2I2M Datasheet(PDF) 3 Page - CTS Corporation

Part # 335L2I2M
Description  DIFFERENTIAL LVPECL AND LVDS VCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

335L2I2M Datasheet(HTML) 3 Page - CTS Corporation

  335L2I2M Datasheet HTML 1Page - CTS Corporation 335L2I2M Datasheet HTML 2Page - CTS Corporation 335L2I2M Datasheet HTML 3Page - CTS Corporation 335L2I2M Datasheet HTML 4Page - CTS Corporation 335L2I2M Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document No. 008-0286-0
Page 3 - 5
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 335
Differential LVPECL or LVDS
7x5mm VCXO
PECL/LVDS OUTPUT WAVEFORM
TEST CIRCUIT, PECL LOAD
Tr
Tf
UPTIME (t)
PERIOD (T)
80%
50%
20%
DUTY CYCLE = t/T x 100 (%)
OUT
OUT
OH
V
OL
V
VOS
POWER
SUPPLY
+
-
+
-
-
+
VM
mA
0.01uF
D.U.T.
64
12
Enable Input
3
5
SUPPLY
POWER
+
-
CH1
CH2
50
R L
R L
50
Vcc - 2.0V
Vcc - 2.0V
TEST CIRCUIT, LVDS LOAD
POWER
SUPPLY
+
-
+-
-
+
VM
mA
0.01uF
D.U.T.
64
12
Enable Input
3
5
SUPPLY
POWER
+
-
CH1
CH2
100
R L
ENABLE HIGH
TRUTH TABLE
PIN 2
PIN 4 / PIN 5
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
VC
Control Voltage
2
EOH
Enable
3
GND
Circuit & Package Ground
4
Output
RF Output
5
Output
Complimentary RF Output
6
VCC
Supply Voltage
ENABLE LOW
TRUTH TABLE
PIN 2
PIN 4 / PIN 5
Logic ‘1’
High Imp.
Open
Output
Logic ‘0’
Output


Similar Part No. - 335L2I2M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
335LC5750K5PM8 ILLINOISCAPACITOR-335LC5750K5PM8 Datasheet
1Mb / 5P
   High AC Voltage - High current
335LCA050M ILLINOISCAPACITOR-335LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
More results

Similar Description - 335L2I2M

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940_15 Datasheet
119Kb / 2P
   Differential LVPECL VCXO
CVPD-970 CRYSTEKCRYSTAL-CVPD-970_15 Datasheet
147Kb / 2P
   Differential LVPECL VCXO
logo
MTRONPTI
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940 Datasheet
121Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
CVPD-970 CRYSTEKCRYSTAL-CVPD-970 Datasheet
126Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
logo
Maxim Integrated Produc...
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
   Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
logo
MTRONPTI
UVVJ MTRONPTI-UVVJ Datasheet
288Kb / 1P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVV MTRONPTI-UVV_07 Datasheet
493Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com