Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16801A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16801A
Description  Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16801A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16801A Datasheet HTML 7Page - Maxim Integrated Products MAX16801A Datasheet HTML 8Page - Maxim Integrated Products MAX16801A Datasheet HTML 9Page - Maxim Integrated Products MAX16801A Datasheet HTML 10Page - Maxim Integrated Products MAX16801A Datasheet HTML 11Page - Maxim Integrated Products MAX16801A Datasheet HTML 12Page - Maxim Integrated Products MAX16801A Datasheet HTML 13Page - Maxim Integrated Products MAX16801A Datasheet HTML 14Page - Maxim Integrated Products MAX16801A Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Off-Line and DC-DC PWM Controllers for
High-Brightness LED Drivers
______________________________________________________________________________________
11
MAX16801
VSUPPLY
IN
VOUT
VCC
R1
R6
R5
C1
C2
C3
C4
LEDs
Q1
D1
T1
R7
R4
R3
D2
R2
CS
NDRV
COMP
GND
DIM/FB
UVLO/EN
GND
Figure 5. Off-line Nonisolated Flyback LED Driver with Programmable Input-Supply Start Voltage
Application Circuits
Figure 5 shows an off-line application of a HB LED dri-
ver using the MAX16801. The use of transformer T1
allows significant design flexibility. Use the internal
error amplifier for a very accurate LED current control.
Figure 6 shows a discontinuous flyback LED driver with
linear dimming capability. The total LED voltage can be
lower or higher than the input voltage.
Figure 7 shows a continuous conduction mode HB LED
buck driver with linear dimming and just a few external
components.
Figure 8 shows an off-line isolated flyback HB LED dri-
ver with low-frequency PWM using MAX16801. The
PWM signal needs to be inverted (see the Functional
Diagram). Transformer T1 provides full safety isolation
and operation from universal AC line (85VAC to
265VAC).


Similar Part No. - MAX16801A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
MAX16801AEUA++ MAXIM-MAX16801AEUA+ Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
MAX16801A MAXIM-MAX16801A_10 Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
More results

Similar Description - MAX16801A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A_10 Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246 Datasheet
290Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1247 LINER-LT1247_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
Torex Semiconductor
XC9401 TOREX-XC9401_13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401-13 TOREX-XC9401-13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401_15 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Diodes Incorporated
ZXRD1000 DIODES-ZXRD1000 Datasheet
292Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com