Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP03XXX360 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # MP03XXX360
Description  Dual Thyristor, Thyristor/Diode Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03XXX360 Datasheet(HTML) 7 Page - Dynex Semiconductor

  MP03XXX360 Datasheet HTML 1Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 2Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 3Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 4Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 5Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 6Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 7Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP03XXX360
7/8
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please contact Customer Services. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
MOUNTING RECOMMENDATIONS
Adequate heatsinking is required to maintain the base
temperature at 75˚C if full rated current is to be achieved. Power
dissipation may be calculated by use of V
T(TO) and rT information
in accordance with standard formulae. We can provide
assistance with calculations or choice of heatsink if required.
The heatsink surface must be smooth and flat; a surface finish
of N6 (32
µin) and a flatness within 0.05mm (0.002") are
recommended.
Immediately prior to mounting, the heatsink surface should be
lightly scrubbed with fine emery, Scotch Brite or a mild chemical
etchant and then cleaned with a solvent to remove oxide build
up and foreign material. Care should be taken to ensure no
foreign particles remain.
An even coating of thermal compound (eg. Unial) should be
applied to both the heatsink and module mounting surfaces.
This should ideally be 0.05mm (0.002") per surface to ensure
optimum thermal performance.
After application of thermal compound, place the module
squarely over the mounting holes, (or ‘T’ slots) in the heatsink.
Fit and finger tighten the recommended fixing bolts at each end.
Using a torque wrench, continue to tighten the fixing bolts by
rotating each bolt in turn no more than 1/4 of a revolution at a
time, until the required torque of 6Nm (55lbs.ins) is reached on
all bolts at both ends.
It is not acceptable to fully tighten one fixing bolt before starting
to tighten the others. Such action may DAMAGE the module.
35
28.5
80
115
92
3x M8
Ø5.5
2.8x0.8
42.5
5
1
2
3
K2
G2
G1
K1
Recommended fixings for mounting: M5 socket head cap screws.
Nominal weight: 950g
Auxiliary gate/cathode leads are not supplied but may be purchsed separately.
Module outline type code: MP03
12
3
K
2 G2
G
1 K1
12
3
Circuit type: HBN
Circuit type: HBT
Circuit type: HBP
G
1 K1
12
3
K
2 G2


Similar Part No. - MP03XXX360

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330-08 DYNEX-MP03XXX330-08 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330-10 DYNEX-MP03XXX330-10 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330-12 DYNEX-MP03XXX330-12 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
More results

Similar Description - MP03XXX360

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP04HBT590-18 DYNEX-MP04HBT590-18 Datasheet
231Kb / 10P
   Dual Thyristor, Thyristor/Diode Module
MP04HBT490-28 DYNEX-MP04HBT490-28 Datasheet
205Kb / 9P
   Dual Thyristor, Thyristor/Diode Module
logo
Diotech Company.
MT200CB08T2 DIOTECH-MT200CB08T2 Datasheet
1Mb / 5P
   THYRISTOR DIODE MODULE
logo
SEMPO ELECTRONIC Limite...
SMDT-70I SEMPO-SMDT-70I Datasheet
50Kb / 1P
   Diode-Thyristor Module
SMDT-90 SEMPO-SMDT-90 Datasheet
78Kb / 1P
   Diode-Thyristor Module
SMDT-130 SEMPO-SMDT-130 Datasheet
454Kb / 1P
   Diode-Thyristor Module
SMDT-130I SEMPO-SMDT-130I Datasheet
61Kb / 1P
   Diode-Thyristor Module
SMDT-160H SEMPO-SMDT-160H Datasheet
45Kb / 1P
   Diode-Thyristor Module
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-650I SEMPO-SMTD-650I Datasheet
81Kb / 1P
   THYRISTOR-DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com