Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD11QD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11QD
Description  3.3-V RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD11QD Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD11QD Datasheet HTML 6Page - Texas Instruments SN65HVD11QD Datasheet HTML 7Page - Texas Instruments SN65HVD11QD Datasheet HTML 8Page - Texas Instruments SN65HVD11QD Datasheet HTML 9Page - Texas Instruments SN65HVD11QD Datasheet HTML 10Page - Texas Instruments SN65HVD11QD Datasheet HTML 11Page - Texas Instruments SN65HVD11QD Datasheet HTML 12Page - Texas Instruments SN65HVD11QD Datasheet HTML 13Page - Texas Instruments SN65HVD11QD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
Input
Generator
50
Generator: PRR = 100 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
VO
RE
R
A
B
3 V
1.5 V
tPZH(2)
1.5 V
3 V
0 V
VOH
GND
VI
VO
0 V or 1.5 V
1.5 V or 0 V
CL = 15 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
VI
1 k
Ω ± 1%
A
B
S1
A at 1.5 V
B at 0 V
S1 to B
tPZL(2)
1.5 V
3 V
VOL
VO
A at 0 V
B at 1.5 V
S1 to A
Pulse Generator,
15
µs Duration,
1% Duty Cycle
tr, tf ≤ 100 ns
100
± 1%
_
+
A
B
R
D
DE
RE
0 V or 3 V
NOTE: This test is conducted to test survivability only. Data stability at the R output is not specified.
3 V or 0 V
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505I – FEBRUARY 2002 – REVISED JULY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Receiver Enable Time From Standby (Driver Disabled)
Figure 11. Test Circuit, Transient Over Voltage Test
10
Submit Documentation Feedback


Similar Part No. - SN65HVD11QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11QD TI-SN65HVD11QD Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD11QD TI-SN65HVD11QD Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11QDG4 TI-SN65HVD11QDG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11QDR TI-SN65HVD11QDR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11QDREP TI-SN65HVD11QDREP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD11QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com