Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VO615A-3X006 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VO615A-3X006
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO615A-3X006 Datasheet(HTML) 6 Page - Vishay Siliconix

  VO615A-3X006 Datasheet HTML 1Page - Vishay Siliconix VO615A-3X006 Datasheet HTML 2Page - Vishay Siliconix VO615A-3X006 Datasheet HTML 3Page - Vishay Siliconix VO615A-3X006 Datasheet HTML 4Page - Vishay Siliconix VO615A-3X006 Datasheet HTML 5Page - Vishay Siliconix VO615A-3X006 Datasheet HTML 6Page - Vishay Siliconix VO615A-3X006 Datasheet HTML 7Page - Vishay Siliconix VO615A-3X006 Datasheet HTML 8Page - Vishay Siliconix VO615A-3X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 81753
6
Rev. 1.0, 04-Mar-08
VO615A
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Temperature, 110 °C, Rated
Fig. 3 - Test Circuit, Non-Saturated Operation
Fig. 4 - Test Circuit, Saturated Operation
Fig. 5 - Switching Times
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
td
3.0
µs
Rise time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
tr
3.0
µs
Fall time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
tf
4.7
µs
Storage time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
ton
6.0
µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
toff
5.0
µs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kΩ,
(see figure 4)
ton
9.0
µs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 kΩ,
(see figure 4)
toff
10.0
µs
Channel I
Channel II
95 10804
RG = 50
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
100
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL = 1 M
CL = 20 pF
Channel I
Channel II
95 10843
RG = 50 Ω
tp
tp = 50 µs
T
= 0.01
+ 5 V
IC
IF
0
50
Ω
1 k
Ω
IF = 10 mA
Oscilloscope
RL
CL
20 pF
1 M
Ω
t p
t
t
0
0
10 %
90 %
100 %
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= t + t )
d
r
Turn-on time
ts
Storage time
t f
Fall time
toff (= ts + tf)Turn-off time


Similar Part No. - VO615A-3X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A-3X006 VISHAY-VO615A-3X006 Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
More results

Similar Description - VO615A-3X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com