Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC204A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SC204A
Description  A dot-matrix character LCD module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC204A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SC204A Datasheet HTML 7Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 8Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 9Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 10Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 11Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 12Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 13Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 14Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SC204A
VER2.1
Instruction table
Instruction Code
Instruction
RS RW D7 D6
D5
D4
D3
D2
D1
D0
Description
Execution time
(fosc=270KHz)
Clear
Display
0
0
0
0
0
0
0
0
0
1
Write "20H" to DDRAM and
set DDRAM address to
"OOH" from AC
1.52ms
Return
Home
0
0
0
0
0
0
0
0
1
-
Set DDRAM address to
"OOH" from AC and return
cursor to its original
position if shifted. The
contents of DDRAM are
not changed.
1.52ms
Entry
Mode
Set
0
0
0
0
0
0
0
1
I/D
S
Assign cursor moving
direction and enable the
shift of entire display
38us
Display
ON/
OFF
0
0
0
0
0
0
1
D
C
B
Set display(D), cursor(C),
and blinking of cursor(B)
on/off control bit.
38us
Cursor or
Display
Shift
0
0
0
0
0
1
S/C R/L -
-
Set cursor moving and
display shift control bit,
and the direction, without
changing of DDRAM data.
38us
Function
Set
0
0
0
0
1
DL
N
F
-
-
Set interface data length
(DL: 8-bit/4-bit), numbers
of display line (N: 2-line/1-
line) and, display font type
(F:5x10dots/5x8dots)
38us
Set
CGRAM
Address
0
0
0
1
AC5 AC4 AC3 AC2 AC1 ACO Set CGRAM address in
address counter.
38us
Set
DDRAM
Address
0
0
1
AC6 AC5 AC4 AC3 AC2 AC1 ACO Set DDRAM address in
counter
38us
Read
Busy
Flag and
Address
Counter
0
1
BF AC6 AC5 AC4 AC3 AC2 AC1 ACO Whether during internal
operation or not can be
known by reading BF.
The contents of address
counter can also be read.
38us
Write Data
to
RAM
1
0
D7 D6
D5
D4
D3
D2
D1
DO
Write data into internal
RAM (DDRAM/CGRAM).
38us
Read Data
from RAM
1
1
D7 D6
D5
D4
D3
D2
D1
DO
Read data from internal
RAM (DDRAM/CGRAM).
38us
Akihabara Inc. www.akiba-tech.com
Page 12 of 12


Similar Part No. - SC204A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SC2040M125PF SCHNEIDER-SC2040M125PF Datasheet
98Kb / 2P
   Homeline All In One service entrance device, semi flush, ringed socket, no bypass, OH, UG, 125 A, 20 spaces, solar ready
SC2040M200C SCHNEIDER-SC2040M200C Datasheet
108Kb / 2P
   ALL-IN-ONE RING TYPE OH/UG 200A SURFACE
SC2040M200C150 SCHNEIDER-SC2040M200C150 Datasheet
131Kb / 2P
   ALL-IN-ONE RING T-150A BRKR-SPECIAL
SC2040M200F125 SCHNEIDER-SC2040M200F125 Datasheet
65Kb / 2P
   ALL IN ONE RING TYPE OH/UG 125A SEM
SC2040M200F150 SCHNEIDER-SC2040M200F150 Datasheet
65Kb / 2P
   ALL-IN-ONE RING T-OH/UG 150A SEMI-FLUSH
More results

Similar Description - SC204A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC162B ETC2-SC162B Datasheet
372Kb / 16P
   A dot-matrix character LCD module
FDCC1602N-FLYYBW-91LE ETC2-FDCC1602N-FLYYBW-91LE Datasheet
985Kb / 22P
   CHARACTER TYPE DOT MATRIX LCD MODULE
GMD1620BLY ETC1-GMD1620BLY Datasheet
1Mb / 19P
   STANLEY DOT MATRIX CHARACTER TYPE LCD MODULE
logo
LUMEX INC.
LCR-U02002DSF-H LUMEX-LCR-U02002DSF-H Datasheet
223Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE
LCM-S04002DSF-Y1P LUMEX-LCM-S04002DSF-Y1P Datasheet
104Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x2 CHARACTER LCD MODULE
LCM-S02402DSR LUMEX-LCM-S02402DSR Datasheet
161Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 24x2 CHARACTER LCD MODULE
LCM-S04004DSF LUMEX-LCM-S04004DSF Datasheet
117Kb / 2P
   4.89mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x4 LCD CHARACTER MODULE
LCM-S01602DXX-B LUMEX-LCM-S01602DXX-B Datasheet
97Kb / 2P
   5.56mm CHARACTER HEIGHT , 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S02002DSF LUMEX-LCM-S02002DSF Datasheet
169Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 LCD MODULE
LCM-X01602DXX-B LUMEX-LCM-X01602DXX-B Datasheet
97Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com