Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2336EA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2336EA
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2336EA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2336EA Datasheet HTML 1Page - Burr-Brown (TI) OPA2336EA Datasheet HTML 2Page - Burr-Brown (TI) OPA2336EA Datasheet HTML 3Page - Burr-Brown (TI) OPA2336EA Datasheet HTML 4Page - Burr-Brown (TI) OPA2336EA Datasheet HTML 5Page - Burr-Brown (TI) OPA2336EA Datasheet HTML 6Page - Burr-Brown (TI) OPA2336EA Datasheet HTML 7Page - Burr-Brown (TI) OPA2336EA Datasheet HTML 8Page - Burr-Brown (TI) OPA2336EA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
q SINGLE-SUPPLY OPERATION
q RAIL-TO-RAIL OUTPUT (within 3mV)
q microPOWER: I
Q = 20µA/Amplifier
q microSIZE PACKAGES
q LOW OFFSET VOLTAGE: 125
µV max
q SPECIFIED FROM V
S = 2.3V to 5.5V
q SINGLE, DUAL, AND QUAD VERSIONS
OPA336
OPA2336
OPA4336
SINGLE-SUPPLY, microPower
CMOS OPERATIONAL AMPLIFIERS
micro
Amplifier Series
APPLICATIONS
q BATTERY-POWERED INSTRUMENTS
q PORTABLE DEVICES
q HIGH-IMPEDANCE APPLICATIONS
q PHOTODIODE PRE-AMPS
q PRECISION INTEGRATORS
q MEDICAL INSTRUMENTS
q TEST EQUIPMENT
DESCRIPTION
OPA336 series
microPower CMOS operational amplifiers
are designed for battery-powered applications. They
operate on a single supply with operation as low as 2.1V.
The output is rail-to-rail and swings to within 3mV of the
supplies with a 100k
Ω load. The common-mode range
extends to the negative supply—ideal for single-supply
applications. Single, dual, and quad versions have identical
specifications for maximum design flexibility.
In addition to small size and low quiescent current
(20
µA/amplifier), they feature low offset voltage
(125
µV max), low input bias current (1pA), and high open-
loop gain (115dB). Dual and quad designs feature
completely independent circuitry for lowest crosstalk and
freedom from interaction.
OPA336 packages are the tiny SOT23-5 surface mount
and SO-8 surface-mount. OPA2336 come in the miniature
MSOP-8 surface-mount, SO-8 surface-mount, and DIP-8
packages. The OPA4336 package is the space-saving
SSOP-16 surface-mount. All are specified from
–40
°C to +85°C and operate from –55°C to +125°C.
A macromodel is available for download (at www.ti.com)
for design analysis.
OPA4336
OPA336
OPA2336
SBOS068C – JANUARY 1997 – REVISED JANUARY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1997-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
1
2
3
5
4
V+
–In
Out
V–
+In
OPA336
SOT23-5
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA336
SO-8
NC = No Connection
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2336
DIP-8, SO-8, MSOP-8
A
B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
–In D
+In D
V–
+In C
–In C
Out C
NC
Out A
–In A
+In A
V+
+In B
–In B
Out B
NC
OPA4336
AD
BC
SSOP-16
NC = No Connection


Similar Part No. - OPA2336EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336EA BURR-BROWN-OPA2336EA Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2336EA TI1-OPA2336EA Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2336EA TI1-OPA2336EA Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336EA/250 BURR-BROWN-OPA2336EA/250 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA2336EA/250 TI1-OPA2336EA/250 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA2336EA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com