Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH615AGB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH615AGB
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615AGB Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH615AGB Datasheet HTML 1Page - Vishay Siliconix SFH615AGB Datasheet HTML 2Page - Vishay Siliconix SFH615AGB Datasheet HTML 3Page - Vishay Siliconix SFH615AGB Datasheet HTML 4Page - Vishay Siliconix SFH615AGB Datasheet HTML 5Page - Vishay Siliconix SFH615AGB Datasheet HTML 6Page - Vishay Siliconix SFH615AGB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 83672
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 10-Jan-08
5
SFH615AA/AGB/AGR/ABM/ABL/AY/AB
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
i178027
0.255 (6.48)
0.268 (6.81)
1
2
4
3
0.179 (4.55)
0.190 (4.83)
Pin one ID
0.030 (0.76)
0.045 (1.14)
typ.
0.100 (2.54)
0.130 (3.30)
0.150 (3.81)
0.020 (0.508)
0.035 (0.89)
10°
3° to 9°
0.018 (0.46)
0.022 (0.56)
0.008 (0.20)
0.012 (0.30)
0.031 (0.79) typ.
0.050 (1.27) typ.
0.300 (7.62) typ.
0.110 (2.79)
0.130 (3.30)
0.230 (5.84)
0.250 (6.35)
0.050 (1.27)
ISO method A
min.
15° max.
Option 9
18486
0.375 (9.53)
0.395 (10.03)
0.300 (7.62) ref.
0.020 (0.51)
0.040 (1.02)
0.315 (8.00)
0.040 (0.102)
0.098 (0.249)
0.012 (0.30) typ.


Similar Part No. - SFH615AGB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AGB VISHAY-SFH615AGB Datasheet
194Kb / 7P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 19-Apr-04
SFH615AGB VISHAY-SFH615AGB Datasheet
104Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-May-13
SFH615AGB VISHAY-SFH615AGB Datasheet
121Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
01-Jan-2022
SFH615AGB VISHAY-SFH615AGB Datasheet
122Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH615AGB-X006 VISHAY-SFH615AGB-X006 Datasheet
194Kb / 7P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 19-Apr-04
More results

Similar Description - SFH615AGB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com