Part Name
         Description
RD74LVC138B

 3-to-8-line Decoder / Demultiplexer ( 8 Page)


RENESAS
100% 
Zoom Out Zoom In
   
 1 page
background image
Rev.2.00 Jan. 14, 2005 page 1 of 7
RD74LVC138B
3-to-8-line Decoder / Demultiplexer
REJ03D0502–0200
Rev.2.00
Jan. 14, 2005
Description
The RD74LVC138B has three binary select inputs in a 16 pin package. If the device is enabled these inputs determine
which one of the eight normally high outputs will go low. Two active low and one active high enables are provided to
ease the cascading of decoders. Low voltage and high-speed operation is suitable at the battery drive product (note type
personal computer) and low power consumption extends the life of a battery for long time operation.
Features
• V
CC = 1.65 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current
±4 mA (@VCC = 1.65 V)
±8 mA (@VCC = 2.3 V)
±12 mA (@VCC = 2.7 V)
±24 mA (@VCC = 3.0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
RD74LVC138BFPEL
SOP–16 pin (JEITA)
FP–16DAV
FP
EL (2,000 pcs/reel)
RD74LVC138BTELL
TSSOP–16 pin
TTP–16DAV
T
ELL (2,000 pcs/reel)
Function Table
Inputs
Enable
Select
Outputs
G1
G2A
G2B
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
H
X
X
X
H
H
H
H
H
H
H
H
X
H
X
X
X
X
H
H
H
H
H
H
H
H
L
X
X
X
X
X
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
L
L
L
L
H
H
L
H
H
H
H
H
H
H
L
L
L
H
L
H
H
L
H
H
H
H
H
H
L
L
L
H
H
H
H
H
L
H
H
H
H
H
L
L
H
L
L
H
H
H
H
L
H
H
H
H
L
L
H
L
H
H
H
H
H
H
L
H
H
H
L
L
H
H
L
H
H
H
H
H
H
L
H
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H:
High level
L:
Low level
X:
Immaterial



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC54HC138A1-OF-8 DECODER / DEMULTIPLEXER 1 2 3 4 5 MoreMotorola, Inc
M74LS138P3-LINE TO 8-LINE DECODER / DEMULTIPLEXER 1 2 3 4 Mitsubishi Electric Semiconductor
MC54HC1381-of-8 Decoder / Demultiplexer High-Performance Silicon-Gate CMOS 1 2 3 4 Motorola, Inc
TDA3833BTSC-stereo/SAP/DBX decoder and DBX expander 1 2 3 4 5 MoreNXP Semiconductors
MC13028AC-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS 1 2 3 4 5 MoreMotorola, Inc
MC74VHCT259A8−Bit Addressable Latch/1−of−8 Decoder CMOS Logic Level Shifter with LSTTL−Compatible Inputs 1 2 3 4 5 MoreON Semiconductor
ICM7243_058-Character Microprocessor-Compatible LED Display Decoder Driver 1 2 3 4 5 MoreIntersil Corporation
QAMI5107Low-cost QAM demodulator and MPEG2 decoder SOC for set-top boxes 1 2 3 4 5 MoreSTMicroelectronics
STI5107Low-cost interactive set-top box decoder 1 2 3 4 5 MoreSTMicroelectronics
TC74HC138AP_073-to-8 Line Decoder 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl