Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCBU8471K6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCBU8471K6
Description  Ceramic Disc Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCBU8471K6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCBU8471K6 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCBU8471K6 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCBU8471K6 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCBU8471K6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCBU, MCFU Series
Ceramic Disc Capacitors
Page 1
31/08/06 V1.0
Features:
Capacitance has non linear temperature coefficient.
Large capacitance in small size.
Wide range of general purpose applications.
Capacitance Range
100pF to 47000pF.
Capacitance Tolerance
±10%, +80% to -20%.
Operating Temperature Range
-25°C to 85°C (Y5P), 10°C to 85°C (Z5V).
Rated Working Voltage
50V.
Dissipation Factor (tan
θ): Y5P
Z5V
tan
θ ≤ 2.5%.
tan
θ ≤ 5%.
Insulation Resistance (IR) at 25°C
10,000 M
Ω Minimum or 200 MΩ/µF, whichever is smaller.
Dielectric Strength
2.5 times the rated WVDC.
Testing Parameters
1KHz±20%, 1.0±0.2 Vrms.
Specifications:
Dimensions : Millimetres
Capacitance Chart:
Temperature
Characteristics
Part
Diameter
Rated
Voltage
(V)
Capacitance
Maximum Dimension
Range
(pF)
Tolerance
D
T
F
MCB
(Y5P) +10%
5
U
(50)
1200 ~ 2200
K
5.5
3.5
5.00
6
2700 ~ 3300
6.5
7
3900 ~ 4700
7.5
8
5600 ~ 6800
8.5
Dimensions : Millimetres


Similar Part No. - MCBU8471K6

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCB MERITEK-MCB Datasheet
433Kb / 15P
   Effective EMI protection
logo
Stackpole Electronics, ...
MCB SEI-MCB Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
List of Unclassifed Man...
MCB-01 ETC2-MCB-01 Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
MCB-01B ETC2-MCB-01B Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
MCB-01BG ETC2-MCB-01BG Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
More results

Similar Description - MCBU8471K6

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com